Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN1810E Datasheet(PDF) 21 Page - Microchip Technology

Part # RN1810E
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1810E Datasheet(HTML) 21 Page - Microchip Technology

Back Button RN1810E Datasheet HTML 17Page - Microchip Technology RN1810E Datasheet HTML 18Page - Microchip Technology RN1810E Datasheet HTML 19Page - Microchip Technology RN1810E Datasheet HTML 20Page - Microchip Technology RN1810E Datasheet HTML 21Page - Microchip Technology RN1810E Datasheet HTML 22Page - Microchip Technology RN1810E Datasheet HTML 23Page - Microchip Technology RN1810E Datasheet HTML 24Page - Microchip Technology RN1810E Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS50002460A-page 21
RN1810/RN1810E
4.0
REGULATORY APPROVAL
This section outlines the regulatory information for the
RN1810/RN1810E module for the following countries:
• United States
• Canada
• Europe
• Australia
• New Zealand
• Japan
• Korea
• Taiwan
• Other Regulatory Jurisdictions
4.1
United States
The RN1810/RN1810E module has received Federal
Communications Commission (FCC) CFR47 Telecom-
munications, Part 15 Subpart C “Intentional Radiators”
single-modular approval in accordance with Part
15.212 Modular Transmitter approval. Single-modular
transmitter approval is defined as a complete RF trans-
mission sub-assembly, designed to be incorporated
into another device, that must demonstrate compliance
with FCC rules and policies independent of any host. A
transmitter with a modular grant can be installed in dif-
ferent end-use products (referred to as a host, host
product, or host device) by the grantee or other equip-
ment manufacturer, then the host product may not
require additional testing or equipment authorization
for the transmitter function provided by that specific
module or limited module device.
A host product itself is required to comply with all other
applicable FCC equipment authorization regulations,
requirements, and equipment functions that are not
associated with the transmitter module portion. For
example, compliance must be demonstrated: to regula-
tions for other transmitter components within a host
product; to requirements for unintentional radiators
(Part 15 Subpart B), such as digital devices, computer
peripherals, radio receivers, etc.; and to additional
authorization requirements for the non-transmitter
functions on the transmitter module (i.e., Verification or
Declaration of Conformity) as appropriate (e.g., Blue-
tooth and Wi-Fi transmitter modules may also contain
digital logic functions).
4.1.1
LABELING AND USER
INFORMATION REQUIREMENTS
The RN1810/RN1810E module has been labeled with
its own FCC ID number, and if the FCC ID is not visible
when the module is installed inside another device,
then the outside of the finished product into which the
module is installed must also display a label referring to
the enclosed module. This exterior label can use word-
ing as follows:
A user’s manual for the product should include the fol-
lowing statement:
Additional information on labeling and user information
requirements for Part 15 devices can be found in KDB
Publication 784748 available at the FCC Office of Engi-
neering and Technology (OET) Laboratory Division
Knowledge Database (KDB)
http://apps.fcc.gov/oetcf/kdb/index.cfm.
Contains Transmitter Module FCC ID: W7O24WN0
or
Contains FCC ID: W7O24WN0
This device complies with Part 15 of the FCC Rules.
Operation is subject to the following two conditions:
(1) this device may not cause harmful interference,
and (2) this device must accept any interference
received, including interference that may cause
undesired operation.
This equipment has been tested and found to comply
with the limits for a Class B digital device, pursuant to
part 15 of the FCC Rules. These limits are designed
to provide reasonable protection against harmful
interference in a residential installation. This equip-
ment generates, uses and can radiate radio fre-
quency energy, and if not installed and used in
accordance with the instructions, may cause harmful
interference to radio communications. However,
there is no guarantee that interference will not occur
in a particular installation. If this equipment does
cause harmful interference to radio or television
reception, which can be determined by turning the
equipment off and on, the user is encouraged to try to
correct the interference by one or more of the follow-
ing measures:
• Reorient or relocate the receiving antenna.
• Increase the separation between the equipment
and receiver.
• Connect the equipment into an outlet on a circuit
different from that to which the receiver is con-
nected.
• Consult the dealer or an experienced radio/TV
technician for help.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com