Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN1810E Datasheet(PDF) 1 Page - Microchip Technology

Part # RN1810E
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1810E Datasheet(HTML) 1 Page - Microchip Technology

  RN1810E Datasheet HTML 1Page - Microchip Technology RN1810E Datasheet HTML 2Page - Microchip Technology RN1810E Datasheet HTML 3Page - Microchip Technology RN1810E Datasheet HTML 4Page - Microchip Technology RN1810E Datasheet HTML 5Page - Microchip Technology RN1810E Datasheet HTML 6Page - Microchip Technology RN1810E Datasheet HTML 7Page - Microchip Technology RN1810E Datasheet HTML 8Page - Microchip Technology RN1810E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS50002460A-page 1
RN1810/RN1810E
Features
• IEEE 802.11b/g/n Compliant Transceiver
• 2.4 GHz IEEE 802.11n Single Stream 1x1
• UART Interface to Host Controller (4-wire
including RTS/CTS)
• Integrates Easily into Final Product - Minimizes
Product Development, Provides Quicker Time to
Market
• Configured using Simple ASCII Commands
• Fully Integrated Wireless Module with Voltage
Regulation, Crystal, RF Matching Circuitry, Power
Amplifier (PA), Low Noise Amplifier (LNA), and
PCB Trace Antenna
• Ultra-Small W.FL Connector for External
Antennas (RN1810E)
• Compact Surface Mount Module: 0.700" x 1.050"
x 0.085" (17.8 mm x 26.7 mm x 2.2 mm)
• Castellated Surface Mount Pads for easy and
reliable PCB mounting
• Environmentally Friendly, RoHS Compliant
Operational
• Single Operating Voltage: 3.15V to 3.45V (3.3V
typical)
• Temperature Range: -40°C to +85°C Industrial
• Low-Current Consumption:
- RX mode: 64 mA (typical)
- TX mode: 246 mA at 18 dBm (typical)
• Power Saving Mode:
- Sleep: 12 µA (typical)
RF/Analog
• Frequency: 2.412 to 2.472 GHz
• Channels: 1-13
• Modulation: DSSS, CCK, BPSK, QPSK, 16QAM,
and 64QAM
• Sensitivity: -94 dBm
Antenna
• Integral PCB Trace Antenna (RN1810)
• External Antenna (RN1810E)
Compliance
• Modular Certified for the United States (FCC) and
Canada (IC)
• European R&TTE Directive Assessed Radio
Module
• Australia, New Zealand, Korea, Taiwan, and
Japan
Applications
• Utility and Smart Energy
• Consumer Electronics
• Industrial Controls
• Remote Device Management
• Retail
• Medical, Fitness, and Health Care
Networking
• Supports Infrastructure and SoftAp Networking
Modes
• Built-In Networking Applications: IPv4/IPv6, TCP,
UDP, DHCP, DNS, ICMP, ARP, HTTP, FTP, SNTP,
and SSL/TLS
• Complete On-Board TCP/IP Networking
• Upgrade Firmware Over the Air using TFTP
• Supports Wi-Fi® Protected Setup (WPS)
2.4 GHz IEEE 802.11b/g/n Wireless Module


Similar Part No. - RN1810E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
More results

Similar Description - RN1810E

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
Rev 1.3
logo
Microchip Technology
MRF24WB0MA MICROCHIP-MRF24WB0MA Datasheet
530Kb / 34P
2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
2010
MRF24WG0MA MICROCHIP-MRF24WG0MA_12 Datasheet
657Kb / 38P
MRF24WG0MA/MB Data Sheet 2.4 GHz IEEE 802.11b/g?
2012 11/29/11
logo
Level One
WBO-0100 LVL1-WBO-0100 Datasheet
223Kb / 3P
Works with IEEE 802.11b/g wireless LAN
logo
Microchip Technology
MRF24WN0MA MICROCHIP-MRF24WN0MA Datasheet
1Mb / 36P
2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
RN171 MICROCHIP-RN171 Datasheet
558Kb / 30P
2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
06/23/16
RN1723 MICROCHIP-RN1723 Datasheet
306Kb / 32P
2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
01/27/15
logo
Cypress Semiconductor
CYW43364 CYPRESS-CYW43364 Datasheet
5Mb / 68P
Single-band 2.4 GHz IEEE 802.11b/g/n
logo
Microchip Technology
MRF24WG0MA MICROCHIP-MRF24WG0MA Datasheet
657Kb / 38P
MRF24WG0MA/MB Data Sheet 2.4 GHz IEEE 802.11b/g?
11/29/11
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com