Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12CP33 Datasheet(PDF) 5 Page - Microchip Technology

Part # SST12CP33
Description  2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP33 Datasheet(HTML) 5 Page - Microchip Technology

  SST12CP33 Datasheet HTML 1Page - Microchip Technology SST12CP33 Datasheet HTML 2Page - Microchip Technology SST12CP33 Datasheet HTML 3Page - Microchip Technology SST12CP33 Datasheet HTML 4Page - Microchip Technology SST12CP33 Datasheet HTML 5Page - Microchip Technology SST12CP33 Datasheet HTML 6Page - Microchip Technology SST12CP33 Datasheet HTML 7Page - Microchip Technology SST12CP33 Datasheet HTML 8Page - Microchip Technology SST12CP33 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
 2015 Microchip Technology Inc.
DS70005222B-page 5
SST12CP33
4.0
ELECTRICAL SPECIFICATIONS
The DC and RF specifications for the power amplifier
are specified below. Refer to Table 4-2 for the DC volt-
age and current specifications.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maxi-
mum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and func-
tional operation of the device at these conditions or conditions greater than those defined in the operational
sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may
affect device reliability.)
Input power to pin 1 (PIN)
1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +12 dBm
1. Maximum input power for VCC = 5V with 50% duty cycle, 802.11g 54 Mbps, with maximum output VSWR = 10:1. At VCC > 5V,
a 10
Ω resistor must be included on V
CC1, as shown in Figures 5-8 and 5-9.
Supply voltage at pins 4, 10, 11, 13 and 15 (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6 V
Enable voltage to pin 2 (VPEN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.2 V
DC supply current (ICC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600 mA
Operating Temperature (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +85ºC
Storage Temperature (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +120ºC
Maximum Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150ºC
Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
TABLE 4-1:
OPERATING RANGE
Range
Ambient Temp
VCC
Industrial
-40°C to +85°C
3.0V to 5.5V
TABLE 4-2:
DC ELECTRICAL CHARACTERISTICS AT 25ºC, VCC = 5V
Symbol
Parameter
Min.
Typ
Max.
Unit
VCC
Supply Voltage
3.0
5.0
5.5
V
ICC
DC Current
for 802.11g, 28 dBm, VCC = 5.0V
440
mA
for 802.11b, 28 dBm, VCC = 5.0V
440
mA
for 802.11g, 21 dBm, VCC = 3.3V
240
mA
ICQ
Idle Current, VCC = 5.0V
275
mA
Idle Current, VCC = 3.3V
155
mA
VPEN
Enable Voltage see Figure 5-8 on page 10
2.9
2.95
3.1
V
IPEN
Enable Current
8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com