Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12CP33 Datasheet(PDF) 1 Page - Microchip Technology

Part # SST12CP33
Description  2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP33 Datasheet(HTML) 1 Page - Microchip Technology

  SST12CP33 Datasheet HTML 1Page - Microchip Technology SST12CP33 Datasheet HTML 2Page - Microchip Technology SST12CP33 Datasheet HTML 3Page - Microchip Technology SST12CP33 Datasheet HTML 4Page - Microchip Technology SST12CP33 Datasheet HTML 5Page - Microchip Technology SST12CP33 Datasheet HTML 6Page - Microchip Technology SST12CP33 Datasheet HTML 7Page - Microchip Technology SST12CP33 Datasheet HTML 8Page - Microchip Technology SST12CP33 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
 2015 Microchip Technology Inc.
DS70005222B-page 1
Features
• High Gain:
- Typically 38 dB gain across 2.4–2.5 GHz over
temperature -40°C to +85°C
• Linear operation at both 3.3V and 5V
• High linear output power at 5V:
- >30 dBm P1dB
- Meets 802.11b ACPR requirements up to 28
dBm with 30% power-added efficiency
- Meets 802.11g OFDM spectrum mask require-
ment up to 28 dBm
- Typically 25 dBm with <3% EVM, 802.11g,
54 Mbps, 350 mA current
- Typically 24 dBm with <2.5% EVM, 802.11n,
MCS7-HT20, 50% duty cycle
- Typically 23 dBm with <1.75% EVM, MCS9-
VHT40, 50% duty cycle, 320 mA current
• High linear output power at 3.3V:
- Meets 802.11b ACPR requirements up to 25
dBm with 27% power-added efficiency
- Typically 21 dBm with <3% EVM, 802.11g, 54
Mbps, 240 mA current
- Typically 20.5 dBm with <2.5% EVM, 802.11n,
MCS7-HT20, 230 mA current
- Typically 19 dBm with <1.75% EVM, MCS9-
VHT40, 210 mA current
• High-speed power-up/down
- Turn on/off time (10%-90%) <100 ns
• 10:1 VSWR survivability (unconditionally stable
up to 28 dBm)
• On-chip power detection
- >25 dB dynamic range, from 5 dBm to 30 dBm
- VSWR- and temperature-insensitive
• Matched RF input/simple output matching
• Packages available
- 16-contact UQFN (3mm x 3mm)
• All non-Pb (lead-free) devices are RoHS compliant
Applications
• WLAN (IEEE 802.11b/g/n)
• WLAN 256 QAM
• AP router
• Cordless phones
• 2.4 GHz ISM wireless equipment
1.0
PRODUCT DESCRIPTION
SST12CP33
is
a
high-power,
high-gain,
WLAN
802.11b/g/n/256 QAM power amplifier (PA) based on
the highly-reliable InGaP/GaAs HBT technology.
This PA can be easily configured for high-power appli-
cations with high power-added efficiency while operat-
ing over the 2.4-2.5 GHz frequency band. It can
operate at both 3.3V and 5V VCC, and typically pro-
vides 38 dB gain with 25% power-added efficiency @
POUT = 28 dBm for 802.11g at 5V.
SST12CP33 has excellent linearity, typically 25 dBm at
3% EVM with 54 Mbps 802.11g operation at 5V while
meeting 802.11g spectrum mask at 28 dBm and 21
dBm at 3% EVM at 3.3V bias. SST12CP33 also has a
single-ended power detector which lowers the users’
cost for power control.
The power amplifier IC also features easy board-level
usage along with high-speed power-up/-down control.
SST12CP33 is offered in 16-contact UQFN package.
See Figure 3-1 for pin assignments and Table 3-1 for
pin descriptions.
SST12CP33
2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM


Similar Part No. - SST12CP33

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12CP11 SST-SST12CP11 Datasheet
45Kb / 2P
2.4 GHz High-Power and High-Gain Power Amplifier
logo
Microchip Technology
SST12CP11-QVCE MICROCHIP-SST12CP11-QVCE Datasheet
45Kb / 2P
2.4 GHz High-Power and High-Gain Power Amplifier
10/11
SST12CP11C MICROCHIP-SST12CP11C Datasheet
708Kb / 16P
2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
SST12CP11C-QUCE MICROCHIP-SST12CP11C-QUCE Datasheet
708Kb / 16P
2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
SST12CP11C-QUCE-K MICROCHIP-SST12CP11C-QUCE-K Datasheet
708Kb / 16P
2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
More results

Similar Description - SST12CP33

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
Rev 1.3
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
04/2005
AWL6254 ANADIGICS-AWL6254 Datasheet
543Kb / 16P
2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
02/2008
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Microchip Technology
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
logo
Skyworks Solutions Inc.
SKY85325-11 SKYWORKS-SKY85325-11 Datasheet
174Kb / 2P
2.4 GHz, 256 QAM WLAN Front-End Module
logo
Microchip Technology
SST12CP12 MICROCHIP-SST12CP12 Datasheet
361Kb / 15P
2.4 GHz 256 QAM High-Power Amplifier
2013
logo
Skyworks Solutions Inc.
SKY85310-11 SKYWORKS-SKY85310-11 Datasheet
174Kb / 2P
2.4 GHz, 256 QAM WLAN/Bluetooth짰 Front-End Module
SKY85310-21 SKYWORKS-SKY85310-21 Datasheet
172Kb / 2P
2.4 GHz, 256 QAM WLAN/Bluetooth짰 Front-End Module
SE2622L SKYWORKS-SE2622L Datasheet
438Kb / 9P
2.4 GHz, 256 QAM Power Amplifier
September 29, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com