Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM331A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM331A
Description  Precision Voltage-to-Frequency Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM331A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM331A Datasheet HTML 1Page - National Semiconductor (TI) LM331A Datasheet HTML 2Page - National Semiconductor (TI) LM331A Datasheet HTML 3Page - National Semiconductor (TI) LM331A Datasheet HTML 4Page - National Semiconductor (TI) LM331A Datasheet HTML 5Page - National Semiconductor (TI) LM331A Datasheet HTML 6Page - National Semiconductor (TI) LM331A Datasheet HTML 7Page - National Semiconductor (TI) LM331A Datasheet HTML 8Page - National Semiconductor (TI) LM331A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLH5680
December 1994
LM131ALM131 LM231ALM231 LM331ALM331
Precision Voltage-to-Frequency Converters
General Description
The LM131LM231LM331 family of voltage-to-frequency
converters are ideally suited for use in simple low-cost cir-
cuits for analog-to-digital conversion precision frequency-
to-voltage conversion long-term integration linear frequen-
cy modulation or demodulation and many other functions
The output when used as a voltage-to-frequency converter
is a pulse train at a frequency precisely proportional to the
applied input voltage Thus it provides all the inherent ad-
vantages of the voltage-to-frequency conversion tech-
niques and is easy to apply in all standard voltage-to-fre-
quency converter applications
Further
the LM131A
LM231ALM331A attains a new high level of accuracy ver-
sus temperature which could only be attained with expen-
sive voltage-to-frequency modules Additionally the LM131
is ideally suited for use in digital systems at low power sup-
ply voltages and can provide low-cost analog-to-digital con-
version in microprocessor-controlled systems And the fre-
quency from a battery powered voltage-to-frequency con-
verter can be easily channeled through a simple photoisola-
tor to provide isolation against high common mode levels
The LM131LM231LM331 utilizes a new temperature-
compensated band-gap reference circuit to provide excel-
lent accuracy over the full operating temperature range at
power supplies as low as 40V The precision timer circuit
has low bias currents without degrading the quick response
necessary for 100 kHz voltage-to-frequency conversion
And the output is capable of driving 3 TTL loads or a high
voltage output up to 40V yet is short-circuit-proof against
VCC
Features
Y
Guaranteed linearity 001% max
Y
Improved performance in existing voltage-to-frequency
conversion applications
Y
Split or single supply operation
Y
Operates on single 5V supply
Y
Pulse output compatible with all logic forms
Y
Excellent temperature stability g50 ppm C max
Y
Low power dissipation 15 mW typical at 5V
Y
Wide dynamic range 100 dB min at 10 kHz full scale
frequency
Y
Wide range of full scale frequency 1 Hz to 100 kHz
Y
Low cost
Typical Applications
TLH5680 – 1
Use stable components with low temperature coefficients See Typical Applications section
fOUT e
VIN
209 V

RS
RL

1
RtCt
01mFor1mF See ‘‘Principles of Operation’’
FIGURE 1 Simple Stand-Alone Voltage-to-Frequency Converter
with g003% Typical Linearity (f e 10 Hz to 11 kHz)
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM331A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM331AN NSC-LM331AN Datasheet
368Kb / 15P
Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM331AN TI-LM331AN Datasheet
778Kb / 20P
LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
LM331AN/NOPB TI1-LM331AN/NOPB Datasheet
952Kb / 23P
Precision Voltage-to-Frequency Converters
LM331AN/NOPB TI2-LM331AN/NOPB Datasheet
1,021Kb / 24P
LMx31x Precision Voltage-to-Frequency Converters
REVISED SEPTEMBER 2015
LM331AN/NOPB TI2-LM331AN/NOPB Datasheet
1,021Kb / 24P
LMx31x Precision Voltage-to-Frequency Converters
REVISED SEPTEMBER 2015
More results

Similar Description - LM331A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM231A NSC-LM231A Datasheet
368Kb / 15P
Precision Voltage-to-Frequency Converters
logo
TelCom Semiconductor, I...
TC02 TELCOM-TC02 Datasheet
149Kb / 7P
PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
TC1023 TELCOM-TC1023 Datasheet
134Kb / 6P
PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS WITH SHUTDOWN MODE
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
Voltage-to-Frequency Converters
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Texas Instruments
LM331N TI-LM331N Datasheet
778Kb / 20P
LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
FREQUENCY-TO-VOLTAGE CONVERTERS
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
Precision Voltage-to-Frequency Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com