Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3994 Datasheet(PDF) 1 Page - InterFET Corporation

Part # 2N3994
Description  P-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

2N3994 Datasheet(HTML) 1 Page - InterFET Corporation

  2N3994 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-8
01/99
2N3994, 2N3994A
P-Channel Silicon Junction Field-Effect Transistor
¥ Choppers
¥ High Speed Commutators
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source Voltage
25 V
Reverse Gate Drain Voltage
25 V
Continuous Forward Gate Current
– 10 mA
Continuous Device Power Dissipation
300 mW
Power Derating
2.4 mW/°C
TOÐ72 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Gate, 3 Drain, 4 Case
At 25°C free air temperature:
2N3994
2N3994A
Process PJ99
Static Electrical Characteristics
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
25
25
V
IG = 1 µA, VDS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
1
5.5
1
5.5
V
VDS = – 10V, ID = – 1 µA
Drain Saturation Current (Pulsed)
IDSS
– 2
– 2
mA
VDS = – 10V, VGS = ØV
Drain Reverse Current
IDGO
– 1.2
– 1.2
nA
VDG = – 15V, IS = ØA
– 1.2
– 1.2
µA
VDG = – 15V, IS = ØA
TA = 150°C
Drain Cutoff Current
ID(OFF)
– 1.2
– 1.2
nA
VDS = – 10V, VGS = 10V
– 1
– 1
µA
VDS = – 10V, VGS = 10V
TA = 150°C
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
300
300
Ω
VGS = ØV, ID = Ø A
f = 1 kHz
Common Source
| Yfs |
4
10510
mS
VDS = – 10V, VGS = ØV
f = 1 kHz
Forward Transmittance
Common Source Input Capacitance
Ciss
16
12
pF
VDS = – 10V, VGS = ØV
f = 1 MHz
Common Source
Crss
5
3.5
pF
VDS = Ø, VGS = 10V
f = 1 MHz
Reverse Transfer Capacitance
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-8


Similar Part No. - 2N3994

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
2N3994 INTERSIL-2N3994 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N3994 NJSEMI-2N3994 Datasheet
136Kb / 1P
P-CHANNEL JINCTION FIELD EFFECT TRANSISTORS
2N3994A NJSEMI-2N3994A Datasheet
136Kb / 1P
P-CHANNEL JINCTION FIELD EFFECT TRANSISTORS
More results

Similar Description - 2N3994

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3993 INTERFET-2N3993 Datasheet
93Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5020 INTERFET-2N5020 Datasheet
89Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J270 INTERFET-J270 Datasheet
423Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5114 INTERFET-2N5114 Datasheet
69Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5460 INTERFET-2N5460 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5461 INTERFET-2N5461 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J174 INTERFET-J174 Datasheet
103Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J175 INTERFET-J175 Datasheet
103Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J176 INTERFET-J176 Datasheet
98Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
P1087 INTERFET-P1087 Datasheet
99Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com