Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCM600L Datasheet(PDF) 6 Page - Artesyn Technologies

Part # LCM600L
Description  600 Watt Bulk Front End
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LCM600L Datasheet(HTML) 6 Page - Artesyn Technologies

  LCM600L Datasheet HTML 1Page - Artesyn Technologies LCM600L Datasheet HTML 2Page - Artesyn Technologies LCM600L Datasheet HTML 3Page - Artesyn Technologies LCM600L Datasheet HTML 4Page - Artesyn Technologies LCM600L Datasheet HTML 5Page - Artesyn Technologies LCM600L Datasheet HTML 6Page - Artesyn Technologies LCM600L Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LCM600 Data Sheet
Low Noise vs. Non-Low Noise LCM600 Model
30.0
32.0
34.0
36.0
38.0
40.0
42.0
44.0
46.0
48.0
50.0
52.0
54.0
56.0
58.0
60.0
02.5
57.5
10
12.5
15
17.5
20
22.5
25
27.5
30
32.5
35
37.5
40
42.5
45
47.5
50
25 Deg Ambient
NON-Low noise version
Low noise version
LOAD(A)
30.0
32.0
34.0
36.0
38.0
40.0
42.0
44.0
46.0
48.0
50.0
52.0
54.0
56.0
58.0
60.0
02.5
57.5
10
12.51517.52022.52527.53032.535
37.54042.54547.550
50 Deg Ambient
NON-Low noise version
Low noise version
LOAD(A)
NON-Low noise version
LOAD (A)
25 ˚C ambient
50 ˚C ambient
Fan (V)
RPM
Noise (dbA)
Fan (V)
RPM
Noise (dbA)
0
6.254
3558.0
40.9
6.228
3460.9
39.9
2.5
6.257
3559.8
41.0
6.228
3460.9
39.9
5
6.262
3562.0
41.0
6.230
3494.3
40.1
7.5
6.263
3562.0
41.0
6.242
3526.6
40.1
10
6.242
3528.9
40.5
6.242
3526.6
40.1
12.5
6.251
3530.9
40.6
6.237
3515.6
40.4
15
6.251
3538.3
40.7
6.229
3504.9
40.2
17.5
6.226
3538.2
40.7
6.205
3482.8
39.4
20
6.223
3541.0
40.7
6.217
3490.1
40.0
22.5
6.242
3545.1
40.8
6.227
3493.8
40.1
25
6.253
3553.9
40.9
6.234
3504.3
40.2
27.5
6.254
3564.1
41.0
6.212
3501.7
40.2
30
6.253
3552.2
40.9
6.642
3787.4
44.1
32.5
6.264
3559.7
41.0
7.893
4652.3
48.0
35
6.262
3559.6
41.0
9.153
5463.4
50.0
37.5
6.262
3560.8
41.0
11.035
6600.2
52.0
40
6.262
3559.8
41.0
11.605
6993.9
53.2
42.5
7.637
4521.2
47.8
11.608
6997.2
53.2
45
8.919
5362.2
49.3
11.608
6997.2
53.2
47.5
10.068
6139.5
51.0
11.608
6997.2
53.2
50
11.362
6893.4
52.8
11.608
6997.2
53.2
Low noise version
PWM
25 ˚C ambient
50 ˚C ambient
LOAD (A)
RPM
Noise (dbA)
LOAD (A)
RPM
Noise (dbA)
0%
0
3028
35.2
0
3180
36.0
5%
2.5
3028
35.2
2.5
3300
36.7
10%
5
3028
35.2
5
3300
36.7
15%
7.5
3060
35.4
7.5
3360
37.0
20%
10
3028
35.2
10
3360
37.0
25%
12.5
3028
35.2
12.5
3360
37.0
30%
15
3060
35.4
15
3360
37.0
35%
17.5
3060
35.4
17.5
3388
37.2
40%
20
3028
35.2
20
3388
37.2
45%
22.5
3028
35.2
22.5
3540
38.0
50%
25
3060
35.4
25
3840
39.2
55%
27.5
3028
35.2
27.5
4104
40.2
60%
30
3028
35.2
30
4408
41.4
65%
32.5
3060
35.4
32.5
4736
42.7
70%
35
3060
35.4
35
5184
44.5
75%
37.5
3060
35.4
37.5
5728
46.4
80%
40
3060
35.4
40
6688
49.5
85%
42.5
3420
37.4
42.5
7560
51.8
90%
45
3868
39.3
45
7584
51.9
95%
47.5
4376
41.3
47.5
7584
51.9
100%
50
5040
43.9
50
7584
51.9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com