Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCM600L Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LCM600L
Description  600 Watt Bulk Front End
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LCM600L Datasheet(HTML) 3 Page - Artesyn Technologies

  LCM600L Datasheet HTML 1Page - Artesyn Technologies LCM600L Datasheet HTML 2Page - Artesyn Technologies LCM600L Datasheet HTML 3Page - Artesyn Technologies LCM600L Datasheet HTML 4Page - Artesyn Technologies LCM600L Datasheet HTML 5Page - Artesyn Technologies LCM600L Datasheet HTML 6Page - Artesyn Technologies LCM600L Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LCM600 Data Sheet
Pin Assignment
Signals
Name Description
Pin Number(s)
+Vout
Power rail
SK4
GND
Power GND
SK5
Signals
Name Description
SK2 Pin Number
A2
EEPROM Address
1
-VPROG
Return connection of external supply for Margin Programming
2
A1
EEPROM Address
3
-Vsense
Remote Sense Return
4
ISHARE
Load share voltage
5
A0
EEPROM Address
6
SDA1
Serial Data Signal (I2C)
7
+VPROG
Positive connection of external supply for Margin Programming
8
SCL1
Serial Clock Signal (I2C)
9
+Vsense
Remote Sense Positive
10
5VSB
5V standby
11
GND
5V standby Return
12
5VSB
5V standby
13
G_DCOK_C
Global DCOK Collector
14
GPIOA6
EEPROM Write Protect
15
G_DCOK_E
Global DCOK Emitter (GND)
16
GND
Return Ground for output signal and I2C communication
17
G_ACOK_C
Global ACOK Collector
18
INH_EN
Turn Off Main Output
19
G_ACOK_E
Global ACOK Emitter (GND)
20
LED INDICATORS
Two (2) provided are clearly visible up to a 45 degree offset from vertical with office environment ambient lighting. The status is reflected in
the indicator color.
The DC_OK LED LED is bicolor. It shall light green if the DC output is within specification, and amber if the output falls out of specification.
The AC_OK LED LED is green if the AC is within specification and off when out of specification. Note: With 5 V standby, Amber also
indicates that PSU is in standby mode/output off.
CONTROL SIGNALS
AC_OK Open collector 0.5 V maximum at 10 mA. Both emitter and collector access provided.
DC_OK Open collector 0.5 V maximum at 10 mA. Both emitter and collector access provided.
DC_OK will de-assert when output is loss due to OCP, OVP, OTP, or Fan Fault (for -N option).
PS_INHIBIT/ENABLE Signal 0.0 - 0.5 V contact closure, output OFF
Signal Output Signal Connectors (SK2)
SK2 Mating Connector: JST Part Number PHDR-20VS;
Contact Pins: JST Part Number SPHD-001T-P0.5
Note: Mating connector for SK2 is:
LANDWIN: PN 2050S2000 Housing and PN 2053T021V Contact
CIVILUX: PN CI0120SD000 Housing and PN CI01TD21PE0 Contact



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com