Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCM300W Datasheet(PDF) 4 Page - Artesyn Technologies

Part # LCM300W
Description  310 Watt Bulk Front End
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LCM300W Datasheet(HTML) 4 Page - Artesyn Technologies

  LCM300W Datasheet HTML 1Page - Artesyn Technologies LCM300W Datasheet HTML 2Page - Artesyn Technologies LCM300W Datasheet HTML 3Page - Artesyn Technologies LCM300W Datasheet HTML 4Page - Artesyn Technologies LCM300W Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LCM300 Data Sheet
Ordering Information Table 2
LCMXXXXY
-
A
-
B
-
C
-
###
Case Size
Input Termination
Acoustic Noise
Option Codes
Hardware Code
1-Phase input where XXXX =
300 = 1.61” x 4.0” x 7.0”, 300 W
Blank = Standard
Blank = No Options
Factory Assigned for
Modified standards
T = Terminal Block
1 = Conformal Coat
Voltage Code Y =
4 = 5 V Standby
Code
5 = Opt 1 + 4
L
12
N
15
Q
24
U
36
W
48
INPUT TERMINAL BLOCK
PRODUCT LABEL
AIR FLOW DIRECTION
S-M3-OZ1 (8 PLACES)
SK2 SIGNAL CONNECTOR-20WAY
POS SK4
NEG SK5
LED (DC OK/FAIL)
LED (AC OK)
PN 602-000180-0000
SCR-PP MC M4X0.7
W/E-T-W
148,7 0,5
(2X) 119,6 0,5
(2X) 29,1 0,5
11,15 REF
177,8 0,5
Mechanical Drawings
Weight: 1.76 lbs (0.8 Kg)
MOUNTING LOCATIONS SCREW PENETRATION
DEPTH IS 3.0 mm MAX.
RECOMMENDED SCREW TORQUE:
M3.5 x 0.6P = 6 - 8kgf-cm
M4.0 x 0.7P = 8 - 10kgf-cm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com