Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCM300W Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LCM300W
Description  310 Watt Bulk Front End
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LCM300W Datasheet(HTML) 1 Page - Artesyn Technologies

  LCM300W Datasheet HTML 1Page - Artesyn Technologies LCM300W Datasheet HTML 2Page - Artesyn Technologies LCM300W Datasheet HTML 3Page - Artesyn Technologies LCM300W Datasheet HTML 4Page - Artesyn Technologies LCM300W Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
POWER
LCM300
310 Watt Bulk Front End
Total Power: 310 W
# of Outputs: Single
Outputs:
12 to 60 V
Optional 5.0 V standby
SPECIAL FEATURES
ƒ
310 W output power (350 W at 45 °C
for 24 V and 36 V models)
ƒ
Low cost
ƒ
1.61” x 4.0” x 7.0”
ƒ
7.1 Watts per cubic inch
ƒ
Industrial/Medical safety
ƒ
-40 °C to 70 °C with derating
ƒ
Optional 5 V @ 2 A housekeeping
ƒ
High efficiency: 91% @ 230 Vac
ƒ
Variable speed “Smart Fans”
ƒ
DSP controlled
ƒ
PMBus compliant
ƒ
Conformal coat option
ƒ
Wide adjustment range
ƒ
Margin programming
ƒ
OR-ing FET
COMPLIANCE
ƒ
EMI Class B
ƒ
EN61000 Immunity
ƒ
RoHS 2
ƒ
PMBUS
SAFETY
ƒ
UL
60950-1
508/1598/1433
60601-1 Ed 3
ƒ
CSA
60950-1
ƒ
VDE
60950-1
60601
ƒ
China CCC
ƒ
CB Scheme Report/Cert
Electrical Specifications
Input
Input range
90 - 264 Vac (Operating)
115/230 Vac (Nominal)
TERMINAL BLOCK
Frequency
47 - 63 Hz, Nominal 50/60
Input fusing
Internal 8 A fuses, both lines fused
Inrush current
< 20 A peak, cold start at 25 °C
Power factor
0.98 typical, meets EN61000-3-2
Harmonics
Meets IEC 1000-3-2 requirements
Input current
5 Arms max input current, at 90 Vac
Hold up time
20 ms minimum for Main O/P, at full rated load
Efficiency
> 91% typical at full Load / 230 Vac nominal
Leakage current
< 0.3 mA at 264 Vac
ON/OFF power switch
N/A
Power line transient
MOV directly after the fuse
Isolation
Isolation: PRI-Chassis 2500 Vdc Basic
PRI-SEC 4000 Vac Reinforced 2xMOPP
SEC-Chassis 500 Vdc
Data Sheet
LCM300Q Efciency Without the 5 Vsb
76.00
78.00
80.00
82.00
84.00
86.00
88.00
90.00
92.00
25
50
75
100
Loading %
100 Vac
230 Vac


Similar Part No. - LCM300W

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
LCM-120 INTERPOINT-LCM-120 Datasheet
85Kb / 7P
LINE CONDITIONING MODULE
logo
Crane Aerospace & Elect...
LCM-120 CRANE-LCM-120 Datasheet
86Kb / 7P
LINE CONDITIONING MODULE 28 VOLT INPUT
LCM-120ES CRANE-LCM-120ES Datasheet
86Kb / 7P
LINE CONDITIONING MODULE 28 VOLT INPUT
logo
Interpoint Corporation ...
LCM-120 INTERPOINT-LCM-120_13 Datasheet
266Kb / 7P
LCM-120 Line Conditioning Module 28 Volt input ??120 watt
logo
Mean Well Enterprises C...
LCM-25 MEANWELL-LCM-25 Datasheet
186Kb / 8P
25W Multiple-Stage Constant Current Mode LED Driver
More results

Similar Description - LCM300W

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LCM600 EMERSON-NETWORKPOWER-LCM600 Datasheet
659Kb / 6P
600 Watts Bulk Front End
logo
Artesyn Technologies
DS1050-3 ARTESYN-DS1050-3 Datasheet
718Kb / 4P
Distributed Power Bulk Front-End
DS850DC-3 ARTESYN-DS850DC-3 Datasheet
1Mb / 4P
Distributed Power Bulk Front-End
DS760SL-3 ARTESYN-DS760SL-3 Datasheet
1Mb / 7P
760 Watts Bulk Front End
DS450-3 ARTESYN-DS450-3 Datasheet
673Kb / 4P
Distributed Power Bulk Front-End
LCM1500L ARTESYN-LCM1500L Datasheet
968Kb / 7P
1500 Watt Bulk Front End
LCM1000L ARTESYN-LCM1000L Datasheet
977Kb / 6P
1000 Watt Bulk Front End
LCM600L ARTESYN-LCM600L Datasheet
1Mb / 7P
600 Watt Bulk Front End
LCM600Q-A ARTESYN-LCM600Q-A Datasheet
1Mb / 7P
600 Watt Bulk Front End
LCM1500Q-T-4 ARTESYN-LCM1500Q-T-4 Datasheet
969Kb / 7P
1500 Watt Bulk Front End
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com