Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS6562 Datasheet(PDF) 2 Page - ZP Semiconductor

Part # CJS6562
Description  Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJS6562 Datasheet(HTML) 2 Page - ZP Semiconductor

  CJS6562 Datasheet HTML 1Page - ZP Semiconductor CJS6562 Datasheet HTML 2Page - ZP Semiconductor CJS6562 Datasheet HTML 3Page - ZP Semiconductor CJS6562 Datasheet HTML 4Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Static
VDS =VGS, ID =250µA
0.6
Gate-Threshold Voltage
VGS(th)
VDS =VGS, ID =
-250µA
N-Ch
P-Ch
-0.6
-1.2
1.2
V
Gate-Body Leakage
IGSS
VDS =0V, VGS =
±12V
N-Ch
P-Ch
±100
nA
VDS =20V, VGS =0V
1
VDS =-20V, VGS =0V
N-Ch
P-Ch
-1
VDS =20V, VGS =0V ,TJ=55
℃
25
Zero Gate Voltage Drain Current
IDSS
VDS =-20V, VGS =0V ,TJ=55
℃
N-Ch
P-Ch
-25
µA
VDS
≥5V, VGS =4.5V
On-State Drain Current
a
ID(on)
VDS
≥-5V, VGS =-4.5V
N-Ch
P-Ch
30
-30
A
VGS =4.5V, ID =4.5A
VGS =-4.5V, ID =-3.5A
N-Ch
P-Ch
0.023
0.040
0.030
0.05
0
VGS =2.5V, ID =3.9A
Drain-Source On-Resistance
a
RDS(on)
VGS =-2.5V, ID =-2.7A
N-Ch
P-Ch
0.032
0.061
0.040
0.0
90
Ω
VDS =10V, ID =4.5A
Forward Transconductance
a
gfs
VDS =-10V, ID =-3.5A
N-Ch
P-Ch
4
5
S
IS=1.25A,VGS=0V
Diode Forward Voltage
a
VSD
IS=-1.25A,VGS=0V
N-Ch
P-Ch
0.65
0.72
1.2
-1.2
V
Dynamicb
Total Gate Charge
Qg
N-Ch
P-Ch
25
25
Gate-Source Charge
Qgs
N-Ch
P-Ch
3.0
3.5
Gate-Drain Charge
Qgd
N-Channel
VDS =15V,VGS =4.5V,ID =4.5A
P-Channel
VDS =-15V,VGS =-4.5V,ID =-3.5A
N-Ch
P-Ch
3.3
3.5
nC
Turn-On Delay Time
td(on)
N-Ch
P-Ch
50
50
Rise Time
tr
N-Ch
P-Ch
80
60
Turn-Off Delay Time
td(off)
N-Ch
P-Ch
100
100
Fall Time
tf
N-Channel
VDD=10V,RL=10Ω, ID ≈1A,
VGEN=10V,RG=6Ω
P-Channel
VDD=-10V,RL=10Ω, ID ≈-1A,
VGEN=-10V,RG=6Ω
N-Ch
P-Ch
40
40
IF=1.25A,di/dt=100A/µs
Source- Drain
Reverse Recovery Time
trr
IF=-1.25A,di/dt=100A/µs
N-Ch
P-Ch
60
100
n
s
Notes :
a.
Pulse Test : Pulse Width≤300µs, duty cycle ≤2%.
b.
Guaranteed by design, not subject to production testing.
2 of 4
sales@zpsemi.com
www.zpsemi.com
CJS6562



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com