Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS6562 Datasheet(PDF) 3 Page - ZP Semiconductor

Part # CJS6562
Description  Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJS6562 Datasheet(HTML) 3 Page - ZP Semiconductor

  CJS6562 Datasheet HTML 1Page - ZP Semiconductor CJS6562 Datasheet HTML 2Page - ZP Semiconductor CJS6562 Datasheet HTML 3Page - ZP Semiconductor CJS6562 Datasheet HTML 4Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
5
10
15
20
25
30
0
30
60
90
120
150
02
46
8
10
0.00
0.04
0.08
0.12
0.16
0.20
0.0
0.4
0.8
1.2
1.6
2.0
0
2
4
6
8
10
02
46
8
10
0
4
8
12
16
20
R
DS(ON)
—— I
D
Ta=25
oC
V
GS
=2.5V
V
GS
=4.5V
DRAIN CURRENT I
D
(A)
Ta=25
oC
R
DS(ON)
—— V
GS
I
D
=4.5A
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
Ta=25
oC
GATE TO SOURCE VOLTAGE V
GS
(V)
V
GS=3.5V
、
3V、2.5V
V
GS=1.5V
V
GS=2V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)
3 of 4
sales@zpsemi.com
www.zpsemi.com
CJS6562



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com