Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4560FVT Datasheet(PDF) 40 Page - Rohm

Part # BA4560FVT
Description  Low Noise Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4560FVT Datasheet(HTML) 40 Page - Rohm

Back Button BA4560FVT Datasheet HTML 36Page - Rohm BA4560FVT Datasheet HTML 37Page - Rohm BA4560FVT Datasheet HTML 38Page - Rohm BA4560FVT Datasheet HTML 39Page - Rohm BA4560FVT Datasheet HTML 40Page - Rohm BA4560FVT Datasheet HTML 41Page - Rohm BA4560FVT Datasheet HTML 42Page - Rohm BA4560FVT Datasheet HTML 43Page - Rohm BA4560FVT Datasheet HTML 44Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
40/48
19.Nov.2014 Rev.003
TSZ22111・15・00
BA4560xxx BA4560Rxxx BA4564RFV BA4564WFV
Operational Notes – continued
11. Regarding the Input Pin of the IC
This monolithic IC contains P+ isolation and P substrate layers between adjacent elements in order to keep them
isolated. P-N junctions are formed at the intersection of the P layers with the N layers of other elements, creating a
parasitic diode or transistor. For example (refer to figure below):
When GND > Pin A and GND > Pin B, the P-N junction operates as a parasitic diode.
When GND > Pin B, the P-N junction operates as a parasitic transistor.
Parasitic diodes inevitably occur in the structure of the IC. The operation of parasitic diodes can result in mutual
interference among circuits, operational faults, or physical damage. Therefore, conditions that cause these diodes to
operate, such as applying a voltage lower than the GND voltage to an input pin (and thus to the P substrate) should
be avoided.
Figure 99. Example of monolithic IC structure
12. Unused Circuits
It is recommended to apply the connection (see Figure 100.) and set the
non-inverting input terminal at a potential within the Input Common-mode
Voltage Range (VICM) for any unused circuit.
13. Input Voltage
Applying VEE +36V to the input terminal is possible without causing
deterioration of the electrical characteristics or destruction, regardless of
the supply voltage. However, this does not ensure normal circuit operation.
Please note that the circuit operates normally only when the input voltage
is within the common mode input voltage range of the electric
characteristics.
14. Power Supply(single/dual)
The operational amplifier operates when the voltage supplied is between VCC and VEE. Therefore, the single supply
operational amplifier can be used as dual supply operational amplifier as well.
15. IC Handling
When pressure is applied to the IC through warp on the printed circuit board, the characteristics may fluctuate due to
the piezo effect. Be careful with the warp on the printed circuit board.
16. The IC Destruction Caused by Capacitive Load
The IC may be damaged when VCC terminal and VEE terminal is shorted with the charged output terminal capacitor.
When IC is used as an operational amplifier or as an application circuit where oscillation is not activated by an output
capacitor, output capacitor must be kept below 0.1μF in order to prevent the damage mentioned above.
VEE
VCC
VICM
N
N
P+
P
N
N
P+
P Substrate
GND
N
P+
N
N
P+
N P
P Substrate
GND
GND
Parasitic
Elements
Pin A
Pin A
Pin B
Pin B
B
C
E
Parasitic
Elements
GND
Parasitic
Elements
C
B
E
Transistor (NPN)
Resistor
N Region
close-by
Parasitic
Elements
Keep this potential
in VICM
Figure 100. Example of Application Circuit
for Unused Op-amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com