Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4560FVT Datasheet(PDF) 1 Page - Rohm

Part # BA4560FVT
Description  Low Noise Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4560FVT Datasheet(HTML) 1 Page - Rohm

  BA4560FVT Datasheet HTML 1Page - Rohm BA4560FVT Datasheet HTML 2Page - Rohm BA4560FVT Datasheet HTML 3Page - Rohm BA4560FVT Datasheet HTML 4Page - Rohm BA4560FVT Datasheet HTML 5Page - Rohm BA4560FVT Datasheet HTML 6Page - Rohm BA4560FVT Datasheet HTML 7Page - Rohm BA4560FVT Datasheet HTML 8Page - Rohm BA4560FVT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
www.rohm.com
TSZ02201-0RAR1G200020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
1/48
19.Nov.2014 Rev.003
TSZ22111・14・00
Slew Rate
Maximum Operation Temperature
Operational Amplifiers
Low Noise Operational Amplifiers
BA4560xxx BA4560Rxxx BA4564RFV BA4564WFV
General Description
BA4560xxx for normal grade and BA4560Rxxx,
BA4564RFV, BA4564WFV for high-reliability grade
integrate two or four high voltage gain Op-Amps on a
single chip. Especially, this series is suitable for any
audio applications due to low noise and low distortion
characteristics and they are usable for other many
applications of wide operating supply voltage
range.BA4560Rxxx, BA4564RFV, BA4564WFV are
high-reliability products with extended operating
temperature range.
Features
High Voltage Gain, Low Noise, Low Distortion
Wide Operating Supply Voltage Range
Wide Operating Temperature Range
Packages
W(Typ) x D(Typ) x H(Max)
SOP8
5.00mm x 6.20mm x 1.71mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
MSOP8
2.90mm x 4.00mm x 0.90mm
SOP14
8.70mm x 6.20mm x 1.71mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
Key Specification
Operating Supply Voltage
(Split Supply):±4V to ±15V
Temperature Range:
BA4560xxx
-40°C to +85°C
BA4560Rxxx,BA4564RFV,BA4564WFV
-40°C to +105°C
Slew Rate:
4V/µs(Typ)
Total Harmonic Distortion:
0.003%(Typ)
Input Referred Noise Voltage:
8
Hz
nV/
(Typ)
Offset Voltage:
BA4564WFV
2.5mV(Max)
Selection Guide
Simplified Schematic
○
Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
+85°C
BA4560F
BA4560FJ
BA4560FV
BA4560FVT
BA4560FVM
Normal
Dual
4V/µs
BA4564RFV
BA4564WFV
BA4560RF
BA4560RFJ
BA4560RFV
BA4560RFVT
BA4560RFVM
+105°C
-
IN
+
IN
VOUT
VCC
VEE
Figure 1. Simplified Schematic
Dual
High Reliability
Quad
4V/µs
Slew Rate
4V/µs
Datasheet


Similar Part No. - BA4560FVT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4560FVT-E2 ROHM-BA4560FVT-E2 Datasheet
581Kb / 44P
Low Noise Operational Amplifiers
BA4560FVT-TR ROHM-BA4560FVT-TR Datasheet
581Kb / 44P
Low Noise Operational Amplifiers
More results

Similar Description - BA4560FVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE5534 TI-NE5534 Datasheet
314Kb / 15P
LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
Operational Amplifiers: Low Noise
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
Low Noise Operational Amplifiers
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
Low Noise Operational Amplifiers
BA4558XXX ROHM-BA4558XXX Datasheet
561Kb / 29P
Low Noise Operational Amplifiers
4.SEP.2012 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com