Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4560RFVT Datasheet(PDF) 11 Page - Rohm

Part # BA4560RFVT
Description  Low Noise Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4560RFVT Datasheet(HTML) 11 Page - Rohm

Back Button BA4560RFVT Datasheet HTML 7Page - Rohm BA4560RFVT Datasheet HTML 8Page - Rohm BA4560RFVT Datasheet HTML 9Page - Rohm BA4560RFVT Datasheet HTML 10Page - Rohm BA4560RFVT Datasheet HTML 11Page - Rohm BA4560RFVT Datasheet HTML 12Page - Rohm BA4560RFVT Datasheet HTML 13Page - Rohm BA4560RFVT Datasheet HTML 14Page - Rohm BA4560RFVT Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
11/48
19.Nov.2014 Rev.003
TSZ22111・15・00
BA4560xxx BA4560Rxxx BA4564RFV BA4564WFV
Typical Performance Curves
○
BA4560xxx
(*)The above data is measurement value of typical sample, it is not guaranteed.
Figure 3.
Supply Current - Supply Voltage
0.0
2.0
4.0
6.0
8.0
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
25℃
85℃
-40℃
Figure 5.
Maximum Output Voltage Swing
- Load Resistance
(VCC/VEE=+15V/-15V,TA=25℃)
0
5
10
15
20
25
30
0.1
1
10
LOAD RESISTANCE [kΩ ]
Figure 2.
Derating Curve
Figure 4.
Supply Current - Ambient Temperature
0.0
2.0
4.0
6.0
8.0
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
±15V
±7.5 V
±4 V
0
0.2
0.4
0.6
0.8
1
0
25
50
75
100
125
AMBIENT TEMPERTURE [℃] .
BA4560F
BA4560FVM
BA4560FJ
BA4560FV/FVT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com