Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4560RFVT Datasheet(PDF) 38 Page - Rohm

Part # BA4560RFVT
Description  Low Noise Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4560RFVT Datasheet(HTML) 38 Page - Rohm

Back Button BA4560RFVT Datasheet HTML 34Page - Rohm BA4560RFVT Datasheet HTML 35Page - Rohm BA4560RFVT Datasheet HTML 36Page - Rohm BA4560RFVT Datasheet HTML 37Page - Rohm BA4560RFVT Datasheet HTML 38Page - Rohm BA4560RFVT Datasheet HTML 39Page - Rohm BA4560RFVT Datasheet HTML 40Page - Rohm BA4560RFVT Datasheet HTML 41Page - Rohm BA4560RFVT Datasheet HTML 42Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
38/48
19.Nov.2014 Rev.003
TSZ22111・15・00
BA4560xxx BA4560Rxxx BA4564RFV BA4564WFV
Examples of Circuit
○
Voltage Follower
○
Inverting Amplifier
○
Non-inverting Amplifier
Figure 96. Voltage Follower Circuit
Figure 97. Inverting Amplifier Circuit
Figure 98. Non-inverting Amplifier
Circuit
Voltage gain is 0dB.
Using this circuit, the output voltage (OUT) is
configured to be equal to the input voltage (IN). This
circuit also stabilizes the output voltage (OUT) due to
high input impedance and low output impedance.
Computation for output voltage (OUT) is shown below.
OUT=IN
For inverting amplifier, input voltage (IN) is amplified
by a voltage gain and depends on the ratio of R1 and
R2. The out-of-phase output voltage is shown in the
next expression
OUT=-(R2/R1)・IN
This circuit has input impedance equal to R1.
For non-inverting amplifier, input voltage (IN) is
amplified by a voltage gain, which depends on the ratio
of R1 and R2. The output voltage (OUT) is in-phase
with the input voltage (IN) and is shown in the next
expression.
OUT=(1 + R2/R1)・IN
Effectively, this circuit has high input impedance since
its input side is the same as that of the operational
amplifier.
VEE
OUT
IN
VCC
R2
R1
VEE
R1//R2
IN
OUT
VCC
VEE
R2
VCC
IN
OUT
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com