Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ16110 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJ16110
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ16110 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ16110 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ16110 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
MJ16110
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 20mA; IB=0
400
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC=5A ;IB=0.5A
0.9
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 10A ;IB= 1.2A
2.0
V
VCE(sat)-3
Collector-Emitter Saturation Voltage
IC= 10A ;IB= 2A
IC= 10A ;IB= 2A;TC=100℃
1.0
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 10A ;IB= 2A
IC= 10A ;IB= 2A;TC=100℃
1.5
1.5
V
ICBO
Collector Cutoff Current
VCBO=650V,IE=0;
VCBO=650V,IE=0;TC=100℃
0.1
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC=0
10
μ
A
hFE
DC Current Gain
IC= 15A; VCE=5V
6
20
COB
Collector Capacitance
IE= 0; f=1kHz ; VCB=10V
400
pF
Switching Times ; Resistive Load
td
Delay Time
IC= 10A; IB1= 1A;IB2= 2A
VCC= 250V ,RB2= 4Ω
PW= 30μs
Duty Cycle≤2%
15
ns
tr
Rise Time
330
ns
ts
Storage Time
800
ns
tf
Fall Time
110
ns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com