Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ16110 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJ16110
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ16110 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJ16110 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ16110 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
MJ16110
DESCRIPTION
·
Collector-Emitter Sustaining Voltage-
VCEO(SUS)= 400V(Min)
·
High Switching Speed
·
Wide Area of Safe Operation
APPLICATIONS
·
Designed for use in half bridge and full bridge off line
converters.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
650
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
15
A
ICM
Collector Current-Pulsed
20
A
IB
Base Current-Continuous
10
A
IBM
Base Current-Pulsed
15
A
PD
Total Power Dissipation T
C
=25℃
TC=100℃
175
100
W
Tj
Junction Temperature
200
℃
Tstg
Storage Temperature
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-C
ThermalResistance Junction To Case
0.92
℃
/W


Similar Part No. - MJ16110

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ16110 MOTOROLA-MJ16110 Datasheet
414Kb / 10P
POWER TRANSISTORS 15 AMPERES 400 VOLTS 175 AND 135 WATTS
logo
ON Semiconductor
MJ16110 ONSEMI-MJ16110 Datasheet
414Kb / 10P
NPN Silicon Power Transistors
REV 1
logo
New Jersey Semi-Conduct...
MJ16110 NJSEMI-MJ16110 Datasheet
95Kb / 2P
NPN Silicon Power Transistors
MJ16110 NJSEMI-MJ16110 Datasheet
95Kb / 2P
NPN Silicon Power Transistors
More results

Similar Description - MJ16110

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com