Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC4050SSD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMC4050SSD
Description  40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC4050SSD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMC4050SSD Datasheet HTML 1Page - Diodes Incorporated DMC4050SSD Datasheet HTML 2Page - Diodes Incorporated DMC4050SSD Datasheet HTML 3Page - Diodes Incorporated DMC4050SSD Datasheet HTML 4Page - Diodes Incorporated DMC4050SSD Datasheet HTML 5Page - Diodes Incorporated DMC4050SSD Datasheet HTML 6Page - Diodes Incorporated DMC4050SSD Datasheet HTML 7Page - Diodes Incorporated DMC4050SSD Datasheet HTML 8Page - Diodes Incorporated DMC4050SSD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DMC4050SSDQ
Document number: DS38781 Rev. 1 - 2
2 of 12
www.diodes.com
April 2016
© Diodes Incorporated
DMC4050SSDQ
Marking Information
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
N-Channel - Q1
P-Channel - Q2
Units
Drain-Source Voltage
VDSS
40
-40
V
Gate-Source Voltage
VGSS
20
20
Continuous Drain Current
VGS = 10V
(Notes 7 & 9)
ID
5.8
-5.8
A
TA = +70°C (Notes 7 & 9)
4.38
-4.52
(Notes 6 & 9)
4.2
-4.2
(Notes 6 & 10)
5.3
-5.3
Pulsed Drain Current
VGS = 10V
(Notes 8 & 9)
IDM
24.1
-24.9
Continuous Source Current (Body Diode)
(Notes 7 & 9)
IS
2.5
-2.5
Pulsed Source Current (Body Diode)
(Notes 8 & 9)
ISM
24.1
-24.9
Thermal Characteristics
Characteristic
Symbol
N-Channel - Q1
P-Channel - Q2
Unit
Power Dissipation
Linear Derating Factor
(Notes 6 & 9)
PD
1.25
10
W
(Notes 6 & 10)
1.8
14.3
(Notes 7 & 9)
2.14
17.2
Thermal Resistance, Junction to Ambient
(Notes 6 & 9)
RθJA
100
°C/W
(Notes 6 & 10)
70
(Notes 7 & 9)
58
Thermal Resistance, Junction to Lead
(Notes 6 & 11)
RθJL
51
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
6. For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
7. Same as Note (6), except the device is measured at t
 10 sec.
8. Same as Note (6), except the device is pulsed with D = 0.02 and pulse width 300µs.
9. For a dual device with one active die.
10. For a device with two active die running at equal power.
11. Thermal resistance from junction to solder-point (at the end of the drain lead).
C4050SD
YY WW
= Manufacturer’s Marking
C4050SD = Product Type Marking Code
YYWW = Date Code Marking
YY or YY= Year (ex: 16 = 2016)
WW = Week (01 - 53)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com