Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC4050SSD Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMC4050SSD
Description  40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC4050SSD Datasheet(HTML) 3 Page - Diodes Incorporated

  DMC4050SSD Datasheet HTML 1Page - Diodes Incorporated DMC4050SSD Datasheet HTML 2Page - Diodes Incorporated DMC4050SSD Datasheet HTML 3Page - Diodes Incorporated DMC4050SSD Datasheet HTML 4Page - Diodes Incorporated DMC4050SSD Datasheet HTML 5Page - Diodes Incorporated DMC4050SSD Datasheet HTML 6Page - Diodes Incorporated DMC4050SSD Datasheet HTML 7Page - Diodes Incorporated DMC4050SSD Datasheet HTML 8Page - Diodes Incorporated DMC4050SSD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DMC4050SSDQ
Document number: DS38781 Rev. 1 - 2
3 of 12
www.diodes.com
April 2016
© Diodes Incorporated
DMC4050SSDQ
Thermal Characteristics (Continued)
0.1
1
10
10m
100m
1
10
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
100
100µ
1m
10m 100m
1
10
100
1k
1
10
100
0.1
1
10
10m
100m
1
10
R(theta junction-to-ambient), R
JA
One active die
100us
100ms
1s
R
DS(ON)
Limited
1ms
N-channel Safe Operating Area
Single Pulse
T
amb
= 25°C
One active die
DC
10ms
V
DS
Drain-Source Voltage (V)
One active die
Two active die
Derating Curve
Temperature (°C)
D=0.2
D=0.5
D=0.1
Transient Thermal Impedance
Single Pulse
D=0.05
Pulse Width (s)
Single Pulse
T
amb
= 25°C
One active die
Pulse Power Dissipation
Pulse Width (s)
Single Pulse
T
amb
= 25°C
One active die
1s
DC
100us
1ms
10ms
100ms
R
DS(ON)
Limited
P-channel Safe Operating Area
-V
DS
Drain-Source Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com