Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1835AS Datasheet(PDF) 23 Page - Analog Devices

Part # AD1835AS
Description  2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1835AS Datasheet(HTML) 23 Page - Analog Devices

Back Button AD1835AS Datasheet HTML 15Page - Analog Devices AD1835AS Datasheet HTML 16Page - Analog Devices AD1835AS Datasheet HTML 17Page - Analog Devices AD1835AS Datasheet HTML 18Page - Analog Devices AD1835AS Datasheet HTML 19Page - Analog Devices AD1835AS Datasheet HTML 20Page - Analog Devices AD1835AS Datasheet HTML 21Page - Analog Devices AD1835AS Datasheet HTML 22Page - Analog Devices AD1835AS Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
REV. PrA
PRELIMINARY TECHNICAL DATA
AD1835
–23–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
52-Lead MQFP
(S-52)
SEATING
PLANE
VIEW A
0.009 (0.23)
0.005 (0.13)
0.096 (2.45)
MAX
0.037 (0.95)
0.031 (0.80)
0.026 (0.65)
TOP VIEW
(PINS DOWN)
1
39
40
13
14
27
26
52
PIN 1
0.026 (0.65)
BSC
0.510 (12.95)
0.520 (13.20) SQ
0.530 (13.45)
0.307
(7.80)
REF
0.398 (10.11)
0.394 (10.00) SQ
0.390 (9.91)
0.015 (0.38)
0.009 (0.22)
VIEW A
ROTATED 90 CCW
7
0
0.083 (2.10)
0.079 (2.00)
0.077 (1.95)
0.010 (0.25)
MIN COPLANARITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com