Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1835AS Datasheet(PDF) 3 Page - Analog Devices

Part # AD1835AS
Description  2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1835AS Datasheet(HTML) 3 Page - Analog Devices

  AD1835AS Datasheet HTML 1Page - Analog Devices AD1835AS Datasheet HTML 2Page - Analog Devices AD1835AS Datasheet HTML 3Page - Analog Devices AD1835AS Datasheet HTML 4Page - Analog Devices AD1835AS Datasheet HTML 5Page - Analog Devices AD1835AS Datasheet HTML 6Page - Analog Devices AD1835AS Datasheet HTML 7Page - Analog Devices AD1835AS Datasheet HTML 8Page - Analog Devices AD1835AS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
REV. PrA
PRELIMINARY TECHNICAL DATA
–3–
AD1835
Parameter
Min
Typ
Max
Unit
ADC DECIMATION FILTER, 96 kHz
*
Pass Band
40
kHz
Pass-Band Ripple
±0.01
dB
Stop Band
48
kHz
Stop-Band Attenuation
120
dB
Group Delay
460
µs
DAC INTERPOLATION FILTER, 48 kHz
*
Pass Band
20
kHz
Pass-Band Ripple
±0.01
dB
Stop Band
24
kHz
Stop-Band Attenuation
55
dB
Group Delay
340
µs
DAC INTERPOLATION FILTER, 96 kHz
*
Pass Band
37.5
kHz
Pass-Band Ripple
±0.01
dB
Stop Band
55.034
kHz
Stop-Band Attenuation
55
dB
Group Delay
160
µs
DAC INTERPOLATION FILTER, 192 kHz
*
Pass Band
89.954
kHz
Pass-Band Ripple
±0.01
dB
Stop Band
104.85
kHz
Stop-Band Attenuation
80
dB
Group Delay
110
µs
DIGITAL I/O
Input Voltage High
2.4
V
Input Voltage Low
0.8
V
Output Voltage High
ODVDD – 0.4
V
Output Voltage Low
0.4
V
Leakage Current
±10
A
POWER SUPPLIES
Supply Voltage (AVDD and DVDD)
4.5
5.0
5.5
V
Supply Voltage (OVDD)
3.0
DVDD
V
Supply Current IANALOG
84
95
mA
Supply Current IANALOG, Power-Down
55
67
mA
Supply Current IDIGITAL
64
72
mA
Supply Current IDIGITAL, Power-Down
1
4
mA
Dissipation
Operation, Both Supplies
740
mW
Operation, Analog Supply
420
mW
Operation, Digital Supply
320
mW
Power-Down, Both Supplies
280
mW
Power Supply Rejection Ratio
1 kHz, 300 mV p-p Signal at Analog Supply Pins
–60
dB
20 kHz, 300 mV p-p Signal at Analog Supply Pins
–50
dB
*Guaranteed by design.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com