Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS173 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LPS173
Description  Total Power: 100 - 175 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS173 Datasheet(HTML) 2 Page - Artesyn Technologies

  LPS173 Datasheet HTML 1Page - Artesyn Technologies LPS173 Datasheet HTML 2Page - Artesyn Technologies LPS173 Datasheet HTML 3Page - Artesyn Technologies LPS173 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LPS170 Series Data Sheet
Logic Control
Power failure
TTL logic signal goes high 100 - 500 msec after V1 output; It goes low at least 4 msec before loss of regulation
Remote inhibit
Requires contact closure to inhibit outputs
Remote sense
Compensates for 0.5 V lead drop min. Will operate without remote sense connected. Reverse connection
protected.
DC - OK
TTL logic signal goes high after main output is in regulation. It goes low when there is a loss of regulation
Environmental Specifications
Operating temperature
0° to 50 °C ambient; derate each output at 2.5% per degree from 50° to 70 °C
Low temperature start
-20 °C
Temperature coefficient
±0.4% per °C
Storage temperature
-40° to 85 °C
Electromagnetic susceptibility
Designed to meet IEC EN61000-4, -2, -3, -4, -5, -6, -8, -11 Level 3
Humidity
Operating; non-condensing 5% to 95%
Vibration
Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell at four major resonances 0.75G peak 5Hz to
500Hz, operational
MTBF demonstrated
>550,000 hours at full load and 25 °C ambient conditions
Ordering Information
Model
Number
Output
Voltage
Minimum
Load
Maximum Load
with Convection
Cooling
Maximum Load
with 30CFM
Forced Air
Peak Load1
Regulation2
Ripple
P/P(PARD)3
LPS172
5 V (2.5 - 6 V)
0 A
22 A
35 A
38 A
±2%
50 mV
LPS173
12 V (6 - 12 V)
0 A
9.1 A
15 A
16.5 A
±2%
120 mV
LPS174
15 V (12 - 24 V)
0 A
7.3 A
12 A
13.2 A
±2%
<1%
LPS175
24 V (24 - 54 V)
0 A
4.5 A
7.5 A
8.2 A
±2%
<1%
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25 °C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 μF in parallel with a 0.1 μF capacitor at rated line voltage and load ranges.
4. Remote inhibit resets OVP latch.
5. This product is a Component Power Supply and is only for inclusion by professional installers within other equipment and must not be operated as
a standalone product. EMC compliance to appropriate standards must be verified at the system level. This product is for sale to OEMs and
System Integrators, including through Distribution Channels. It is not intended for sale to End Users.
Note: -C suffix added to the model number indicates cover option.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com