Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS173 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LPS173
Description  Total Power: 100 - 175 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS173 Datasheet(HTML) 1 Page - Artesyn Technologies

  LPS173 Datasheet HTML 1Page - Artesyn Technologies LPS173 Datasheet HTML 2Page - Artesyn Technologies LPS173 Datasheet HTML 3Page - Artesyn Technologies LPS173 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
LPS170 Series
175 Watts
Total Power: 100 - 175 Watts
Input Voltage: 85 - 264 Vac
120 - 300 Vdc
# of Outputs: Single
SPECIAL FEATURES
ƒ
Active power factor correction
ƒ
IEC EN61000-3-2 compliance
ƒ
Wide range adjustable output:
Remote sense on main output
ƒ
Single wire current sharing
ƒ
Power fail and remote inhibit
ƒ
Built-in EMI filter
ƒ
Low output ripple
ƒ
Overvoltage protection
ƒ
Overload protection
ƒ
Thermal overload protection
ƒ
DC power good
ƒ
5 V standby output
ƒ
12 V Aux output
ƒ
Optional cover (-C suffix)
ƒ
RoHS compliant
SAFETY
ƒ
VDE
0805/EN60950 (IEC950)
ƒ
UL
UL1950
ƒ
CB
Certificate and report
ƒ
CSA
CSA 22.2-234 Level 3
ƒ
CE
Mark (LVD)
ƒ
NEMKO EN 60950/EMKO-TUE
Electrical Specifications
Input
Input range
85 - 264 Vac; 120-300 Vdc
Frequency
47 - 63 Hz
Inrush current
38 A max, cold start @ 25°C
Efficiency
75% typical at full load
EMI filter
FCC Class B conducted
CISPR 22 Class B conducted
EN55022 Class B conducted
VDE 0878 PT3 Class B conducted
Power Factor
0.99 typical
Safety ground leakage current
1.0 mA @ 50/60 Hz, 264 Vac input
Output
Maximum power
110 W convection (75 W with cover)
175 W with 30 CFM forced air (130 W with cover)
Adjustment range
2:1 wide ratio minimum
Standby outputs
5 V @ 2 A regulated ±5%
Hold-up time
20 ms @175 W load at nominal line
Overload protection
Short circuit protection on all outputs.
Case overload protected @ 110-145% above peak rating
Overvoltage protection
10% to 40% above nominal output
Aux output
12 V @ 1 A -5 %, +10%
Data Sheet


Similar Part No. - LPS173

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS173 ASTEC-LPS173 Datasheet
574Kb / 2P
175 Watts
logo
Emerson Network Power
LPS173 EMERSON-NETWORKPOWER-LPS173 Datasheet
932Kb / 3P
Active power factor correction
LPS173 EMERSON-NETWORKPOWER-LPS173 Datasheet
781Kb / 3P
Active power factor correction
LPS173 EMERSON-NETWORKPOWER-LPS173 Datasheet
782Kb / 3P
Active power factor correction
logo
Astec America, Inc
LPS173-M ASTEC-LPS173-M Datasheet
265Kb / 2P
175 Watts
More results

Similar Description - LPS173

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
Total Power: 65 Watts
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
Total Power: 100 Watts
AVD100-48S05-6L ARTESYN-AVD100-48S05-6L Datasheet
497Kb / 3P
Total Power: 100 - 120 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
Total Power: 75 Watts
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ Datasheet
748Kb / 4P
Total Power: 50 Watts
LPQ201-M ARTESYN-LPQ201-M Datasheet
1Mb / 3P
Total Power: 100 - 200 Watts
LPQ172 ARTESYN-LPQ172 Datasheet
697Kb / 4P
Total Power: 110 - 175 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com