Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9952 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9952
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9952 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9952 Datasheet HTML 17Page - Analog Devices AD9952 Datasheet HTML 18Page - Analog Devices AD9952 Datasheet HTML 19Page - Analog Devices AD9952 Datasheet HTML 20Page - Analog Devices AD9952 Datasheet HTML 21Page - Analog Devices AD9952 Datasheet HTML 22Page - Analog Devices AD9952 Datasheet HTML 23Page - Analog Devices AD9952 Datasheet HTML 24Page - Analog Devices AD9952 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD9952
Rev. 0 | Page 21 of 28
SYNC_CLK
SYSCLK
AB
DATA 2
DATA 3
DATA 1
DATA IN
REGISTERS
DATA IN
I/O BUFFERS
DATA 1
DATA 2
DATA 3
I/O UPDATE
THE DEVICE REGISTERS AN I/O UPDATE AT POINT A. THE DATA IS TRANSFERRED FROM THE ASYNCHRONOUSLY LOADED I/O BUFFERS AT POINT B.
Figure 22. I/O Synchronization Timing Diagram
Synchronizing Multiple AD9952s
The AD9952 product allows easy synchronization of multiple
AD9952s. There are three modes of synchronization available
to the user: an automatic synchronization mode, a software
controlled manual synchronization mode, and a hardware
controlled manual synchronization mode. In all cases, when a
user wants to synchronize two or more devices, the following
considerations must be observed. First, all units must share a
common clock source. Trace lengths and path impedance of the
clock tree must be designed to keep the phase delay of the dif-
ferent clock branches as closely matched as possible. Second, the
I/O UPDATE signal’s rising edge must be provided synchro-
nously to all devices in the system. Finally, regardless of the
internal synchronization method used, the DVDD_I/O supply
should be set to 3.3 V for all devices that are to be synchronized.
AVDD and DVDD should be left at 1.8 V.
In automatic synchronization mode, one device is chosen as a
master; the other device(s) will be slaved to this master. When
configured in this mode, the slaves will automatically synchro-
nize their internal clocks to the SYNC_CLK output signal of the
master device. To enter automatic synchronization mode, set the
slave device’s automatic synchronization bit (CFR1<23> = 1).
Connect the SYNC_IN input(s) to the master SYNC_CLK
output. The slave device will continuously update the phase
relationship of its SYNC_CLK until it is in phase with the
SYNC_IN input, which is the SYNC_CLK of the master device.
When attempting to synchronize devices running at SYSCLK
speeds beyond 250 MSPS, the high speed sync enhancement
enable bit should be set (CFR2<11> = 1).
In software manual synchronization mode, the user forces the
device to advance the SYNC_CLK rising edge one SYSCLK
cycle (1/4 SYNC_CLK period). To activate the manual synchro-
nization mode, set the slave device’s software manual synchroni-
zation bit (CFR1<22> = 1). The bit (CFR1<22>) will be cleared
immediately. To advance the rising edge of the SYNC_CLK multi-
ple times, this bit will need to be set multiple times.
In hardware manual synchronization mode, the SYNC_IN
input pin is configured such that it will now advance the rising
edge of the SYNC_CLK signal each time the device detects a
rising edge on the SYNC_IN pin. To put the device into hard-
ware manual synchronization mode, set the hardware manual
synchronization bit (CFR2<10> = 1). Unlike the software man-
ual synchronization bit, this bit does not self-clear. Once the
hardware manual synchronization mode is enabled, all rising
edges detected on the SYNC_IN input will cause the device to
advance the rising edge of the SYNC_CLK by one SYSCLK
cycle until this enable bit is cleared (CFR2<10> = 0).
Using a Single Crystal to Drive Multiple AD9952 Clock
Inputs
The AD9952 crystal oscillator output signal is available on the
CRYSTAL OUT pin, enabling one crystal to drive multiple
AD9952s. In order to drive multiple AD9952s with one crystal,
the CRYSTAL OUT pin of the AD9952 using the external crystal
should be connected to the REFCLK input of the other AD9952.
The CRYSTAL OUT pin is static until the CFR2<9> bit is set,
enabling the output. The drive strength of the CRYSTAL OUT
pin is typically very low, so this signal should be buffered prior
to using it to drive any loads.
SERIAL PORT OPERATION
With the AD9952, the instruction byte specifies read/write
operation and the register address. Serial operations on the
AD9952 occur only at the register level, not the byte level. For
the AD9952, the serial port controller recognizes the instruction
byte register address and automatically generates the proper
register byte address. In addition, the controller expects that all
bytes of that register will be accessed. It is required that all bytes
of a register be accessed during serial I/O operations,
with one exception. The IOSYNC function can be used to
abort an I/O operation, thereby allowing some, but not all bytes
to be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com