Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9952 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9952
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9952 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9952 Datasheet HTML 18Page - Analog Devices AD9952 Datasheet HTML 19Page - Analog Devices AD9952 Datasheet HTML 20Page - Analog Devices AD9952 Datasheet HTML 21Page - Analog Devices AD9952 Datasheet HTML 22Page - Analog Devices AD9952 Datasheet HTML 23Page - Analog Devices AD9952 Datasheet HTML 24Page - Analog Devices AD9952 Datasheet HTML 25Page - Analog Devices AD9952 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD9952
Rev. 0 | Page 22 of 28
There are two phases to a communication cycle with the
AD9952. Phase 1 is the instruction cycle, which is the writing of
an instruction byte into the AD9952, coincident with the first
eight SCLK rising edges. The instruction byte provides the
AD9952 serial port controller with information regarding the
data transfer cycle, which is Phase 2 of the communication cycle.
The Phase 1 instruction byte defines whether the upcoming data
transfer is read or write and the serial address of the register
being accessed. (Note that the serial address of the register
being accessed is NOT the same address as the bytes to be
written. See the Example Operation section for details.)
The first eight SCLK rising edges of each communication cycle
are used to write the instruction byte into the AD9952. The
remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the AD9952
and the system controller. The number of bytes transferred
during Phase 2 of the communication cycle is a function of the
register being accessed. For example, when accessing the Control
Function Register No. 2, which is three bytes wide, Phase 2 requires
that three bytes be transferred. If accessing the frequency tuning
word, which is four bytes wide, Phase 2 requires that four bytes
be transferred. After transferring all data bytes per the instruc-
tion, the communication cycle is completed.
At the completion of any communication cycle, the AD9952
serial port controller expects the next eight rising SCLK edges
to be the instruction byte of the next communication cycle. All
data input to the AD9952 is registered on the rising edge of
SCLK. All data is driven out of the AD9952 on the falling edge
of SCLK. Figure 23 through Figure 26 are useful in understand-
ing the general operation of the AD9952 serial port.
I6
I5
I4
I3
I2
I1
D5
D4
D3
D2
D1
D0
I0
D7
D6
I7
INSTRUCTION CYCLE
SCLK
SDIO
DATA TRANSFER CYCLE
CS
Figure 23. Serial Port Write Timing–Clock Stall Low
I6
I5
I4
I3
I2
I1
I0
DON'T CARE
I7
INSTRUCTION CYCLE
SCLK
SDIO
DATA TRANSFER CYCLE
DO 5 DO 4 DO 3 DO 2 DO 1
DO 0
DO 7
DO 6
SDO
CS
Figure 24. 3-Wire Serial Port Read Timing–Clock Stall Low
I6
I5
I4
I3
I2
I1
D5
D4
D3
D2
D1
D0
I0
D7
D6
I7
INSTRUCTION CYCLE
SCLK
SDIO
DATA TRANSFER CYCLE
CS
Figure 25. Serial Port Write Timing–Clock Stall High
I6
I5
I4
I3
I2
I1
DO 5 DO 4 DO 3 DO 2 DO 1 DO 0
I0
DO 7 DO 6
I7
INSTRUCTION CYCLE
SCLK
SDIO
DATA TRANSFER CYCLE
CS
Figure 26. 2-Wire Serial Port Read Timing—Clock Stall High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com