Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ352-C Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LPQ352-C
Description  Total Power: 350 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPQ352-C Datasheet(HTML) 1 Page - Artesyn Technologies

  LPQ352-C Datasheet HTML 1Page - Artesyn Technologies LPQ352-C Datasheet HTML 2Page - Artesyn Technologies LPQ352-C Datasheet HTML 3Page - Artesyn Technologies LPQ352-C Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
LPQ350 Series
350 Watts
Total Power: 350 Watts
Input Voltage: 85-264 Vac
120 - 300 Vdc
# of Outputs: Quad
Special FeatureS
ƒ
Active power factor correction
ƒ
IEC EN61000-3-2 compliance
ƒ
Remote sense on 1st and 4th output
ƒ
Power fail and remote inhibit
ƒ
Single wire current sharing
ƒ
Built-in EMI filter
ƒ
Adjustable floating 4th output
ƒ
2 Supervisory output 5 V and 12 V
ƒ
Overvoltage protection
ƒ
Overload protection
ƒ
Thermal overload protection
ƒ
DC power good
ƒ
135 khz switching frequency
ƒ
Cover -C
ƒ
Optional with fan cover -CF
ƒ
Optional end-mounted fan -CEF
SaFety
ƒ
VDE
60950
21310-3336-0001
ƒ
UL
60950
ƒ
CSA
CSA 22.2-234 Level 5
LR109492C
ƒ
NEMKO EN 60950/EMKO-TUE
P97102061 (74-sec) 203
ƒ
BABT EN60950/BS7002 607019
ƒ
CB
Certificate and report
4048, 4049
ƒ
CE
Mark (LVD)
Electrical Specifications
Input
Input range
85-264 VAC; 120-300 VDC
Frequency
47-440 Hz
Inrush current
38 A max, cold start @ 25 °C
Efficiency
75% typical at full load
EMI filter
FCC Class B conducted and radiated
CISPR 22 Class B conducted and radiated
EN55022 Class B conducted and radiated
VDE 0878 PT3 Class B conducted and radiated
Power factor
0.99 typical
Safety ground leakage current
0.5 mA @ 50/60 Hz, 264 VAC input
Output
Maximum power
With cover: 350 W with 30 CFM forced air, (-C) (-CF) (-CEF)
Adjustment range
± 5% min. on main: 3.3-24 V on output 4
Supervisory output
5 V @ 500 mA regulated, 12 @ 150 mA x2
Hold-up time
20 ms @ 350 W load, 115 VAC nominal line
Overload protection
Short circuit protection on all outputs. Case overload protected
@ 110-145% above peak rating
Overvoltage protection
5 V output: 5.7 - 6.7 VDC
Data Sheet


Similar Part No. - LPQ352-C

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPQ352-C ASTEC-LPQ352-C Datasheet
144Kb / 2P
350 Watts
logo
Emerson Network Power
LPQ352-C EMERSON-NETWORKPOWER-LPQ352-C Datasheet
144Kb / 2P
Active power factor correction
More results

Similar Description - LPQ352-C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
Total Power: 65 Watts
AIF120Y300 ARTESYN-AIF120Y300 Datasheet
523Kb / 3P
Total Power: 600 Watts
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
Total Power: 600 Watts
AIF04ZPFC-01L ARTESYN-AIF04ZPFC-01L Datasheet
549Kb / 3P
Total Power: 1600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
Total Power: 100 Watts
AVE350B-48S28-6 ARTESYN-AVE350B-48S28-6 Datasheet
1Mb / 3P
Total Power: 350 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
Total Power: 75 Watts
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ Datasheet
748Kb / 4P
Total Power: 50 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com