Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ172 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # LPQ172
Description  Total Power: 110 - 175 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPQ172 Datasheet(HTML) 4 Page - Artesyn Technologies

  LPQ172 Datasheet HTML 1Page - Artesyn Technologies LPQ172 Datasheet HTML 2Page - Artesyn Technologies LPQ172 Datasheet HTML 3Page - Artesyn Technologies LPQ172 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LPQ170 Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2016 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
www.artesyn.com
LPQ170 Series-DS 18Mar2016
Pin Assignments
Connector
LPQ172
LPQ173
SK1
PIN 1
N/C
V4 SWP
PIN 2
5V Standby
5 V Standby
PIN 3
N/C
+V4 Sense
PIN 4
V1 SWP
V1 SWP
PIN 5
Common
Common
PIN 6
+V1 sense
+V1 sense
PIN 7
Sense common
Sense common
PIN 8
Remote inhibit
Remote inhibit
PIN 9
DC power good
DC power good
PIN 10
POK
POK
SK2
PIN 1,2
+12 V
+12V
PIN 3,4,5
Common
Common
PIN 6
-12 V
-12V
PIN 7
POK
POK
PIN 8
+3.3 V to +25 V (Float)
N/C
PIN 9
Common (Float)
N/C
SK3
TB-1, 3
COMMON
COMMON
TB-2
+5 V (3.3V to 5.5V)
+5V (3.3V to 5.5V)
TB-4
N/C
+5V (3.3V to 5.5V)
SK4
PIN 1
GROUND
GROUND
PIN 3
LINE
LINE
PIN 5
NEUTRAL
NEUTRAL
Mating Connectors
(SK4) AC Input
Molex 09-50-8051 (USA)
Molex 09-91-0500 (UK)
PINS: 08-58-0111
(SK3) Main output
Molex series 19141-0058/0063
(SK2) Aux DC Output/Power fail
Molex 09-50-8091 (USA)
Molex 09-91-0900 (UK)
PINS: 08-58-0111
(SK1) Control Signals
Molex 90142-0010 (USA)
PINS: 90119-2110 or
Amp: 87977-3
PINS: 87309-8
Astec connector kit #70-841-015, includes all of above



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com