Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ172 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LPQ172
Description  Total Power: 110 - 175 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPQ172 Datasheet(HTML) 2 Page - Artesyn Technologies

  LPQ172 Datasheet HTML 1Page - Artesyn Technologies LPQ172 Datasheet HTML 2Page - Artesyn Technologies LPQ172 Datasheet HTML 3Page - Artesyn Technologies LPQ172 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LPQ170 Series Data Sheet
Logic Control
AC power failure
TTL logic signal goes high 100 - 500 msec after V1 output; It goes low at least 4 msec before loss of regulation
Remote inhibit
-40 °C to +85 °C
Electromagnetic susceptibility
Requires contact closure to inhibit outputs
Remote sense
Compensates for 0.5 V lead drop min. Will operate without remote sense connected. Reverse connection
protected.
DC - OK
TTL logic signal goes high after main output is in regulation. It goes low when there is a loss of regulation.
Environmental Specifications
Operating temperature
0 °C to 50 °C ambient. Derate each output 2.5% per degree from 50 °C to 70 °C (except for -C version).
Storage temperature
-40 °C to +85 °C
Temperature coefficient
±0.4% per °C
Electromagnetic susceptibility
Designed to meet IE61000-4, -2, -3, -4, -5, -6, -8, -11, Level 3
Humidity
Operating; non-condensing 5% to 95%
Vibration
Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell at four major resonances 0.75 G peak 5 Hz to
500 Hz, operational
MTBF demonstrated
>550,000 hours at full load and 25°C ambient conditions
Ordering Information
Model
Number
Output
Voltage
Minimum
Load
Maximum Load
with Convection
Cooling
Maximum Load
with 30CFM
Forced Air
Peak Load1
Regulation2
Ripple
P/P(PARD)3
LPQ172
5 V (3.3 - 5.5 V)
0 A
15 A
30 A
32 A
±2%
50 mV
12 V
0 A
6 A
8 A
10 A
±3%
120 mV
-12 V (-12 -15 V)
0 A
1.5 A
3 A
3.5 A
±3%
<1%
±3.3-25 V
0.5 A*
2 A
5 A
5.5 A
±3%
<50mV or 1%
LPQ173
5 V (3.3 - 5.5 V)
0 A
10 A
24 A
26 A
±2%
50 mV
12 V
0 A
6 A
8 A
10 A
±3%
120 mV
-12V (-12 -15 V)
0 A
.2 A
3 A
3.5 A
±3%
<1%
5 V (3.3 - 5.5 V)
0 A
10 A
24 A
26 A
±2%
50 mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25 °C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 μF in parallel with a 0.1 μF capacitor at rated line voltage and load ranges.
4. 4th output adjustable 3.3 - 25 V factory set at 5 V.
5. *Minimum loads are required when output set below 5 Volts
6. Remote inhibit resets OVP latch
7. LPQ173-C has no convection rating.
8. This product is a Component Power Supply and is only for inclusion by professional installers within other equipment and must not be operated
as a standalone product. EMC compliance to appropriate standards must be verified at the system level. This product is for sale to OEMs and
System Integrators, including through Distribution Channels. It is not intended for sale to End Users.
Note: -C suffix added to the model number indicates cover option and is limited to 50 °C operation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com