Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFPX-201 Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # CFPX-201
Description  Quartz Crystal Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CFPX-201 Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  CFPX-201 Datasheet HTML 1Page - IQD Frequency Products Ltd CFPX-201 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CFPX-201
Quartz Crystal Specification
Electrical Specification - maximum limiting values
Frequency
Min
Frequency
Max
Temperature Range
Stability
(Min*)
Over Tone Order
ESR
°C
ppm
Ω
12.0MHz
12.999999MHz
-10 to 60
Fundamental
100
±10
-20 to 70
±15
-40 to 85
±15
13.0MHz
18.999999MHz
-10 to 60
Fundamental
80
±10
-20 to 70
±15
-40 to 85
±15
19.0MHz
39.999999MHz
-10 to 60
Fundamental
60
±10
-20 to 70
±15
-40 to 85
±15
40.0MHz
50.0MHz
-10 to 60
Fundamental
50
±10
-20 to 70
±15
-40 to 85
±15
*Stability Maximum values ±50ppm
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 25 Apr 16 11:23 using Model Data Sheet V1.2550
Page 2 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com