Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFPX-201 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # CFPX-201
Description  Quartz Crystal Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CFPX-201 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  CFPX-201 Datasheet HTML 1Page - IQD Frequency Products Ltd CFPX-201 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CFPX-201
Quartz Crystal Specification
ISSUE 4; April 2016
Outline (mm)
Description
4 x 2.5mm SMD crystal in a hermetically sealed ceramic
package with a seam sealed metal lid. Often used in
Bluetooth, ZigBee and similar RF applications.
Frequency Parameters
Frequency
12.0MHz to 50.0MHz
±10.00ppm to ±50.00ppm
Frequency Tolerance
@ 25°C
Tolerance Condition
Frequency Stability
±10.00ppm to ±50.00ppm
± 3ppm max per year @ 25°C
Ageing
Developed Frequencies: 12.0MHz, 13.0MHz, 13.560MHz,
14.318180MHz, 14.74560MHz, 16.0MHz, 16.93440MHz,
18.4320MHz, 19.66080MHz, 20.0MHz, 24.5760MHz,
25.0MHz, 26.0MHz, 27.0MHz, 27.120MHz & 29.020MHz.
Electrical Parameters
9.0pF to 30.0pF
Load Capacitance (CL)
5pF max
Shunt Capacitance (C0)
100µW max
Drive Level
Operating Temperature Ranges
-10 to 60°C
-20 to 70°C
-40 to 85°C
Environmental Parameters
Storage Temperature Range: -40°C to 90°C
Drop: 75cm drop (3 times) onto hard wooden board.
Vibration: 1.5mm amplitude, 10Hz-55Hz, 1min in 3 mutually
perpendicular planes, duration 2hrs each plane.
Ordering Information
Frequency*
Model*
Frequency Tolerance (@ 25°C)*
Frequency Stability (over operating temperature range)*
Operating Temperature Range*
Load Capacitance*
Overtone
(*minimum required)
Example
20.0MHz CFPX-201
50/50/–10 to 60C/10 FUND
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 1,000
Loose in bulk pack
Pack Style: Bulk
Pack Size: 100
Printed on 25 Apr 16 11:23 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - CFPX-201

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPX-217 IQD-CFPX-217 Datasheet
209Kb / 2P
Quartz Crystal Specification
CFPX-217-AUTO IQD-CFPX-217-AUTO Datasheet
278Kb / 2P
Quartz Crystal Specification
CFPX-218 IQD-CFPX-218 Datasheet
214Kb / 2P
Quartz Crystal Specification
CFPX-218-AUTO IQD-CFPX-218-AUTO Datasheet
188Kb / 2P
Quartz Crystal Specification
CFPX-225 IQD-CFPX-225 Datasheet
273Kb / 2P
Quartz Crystal Specification
More results

Similar Description - CFPX-201

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
4SMX IQD-4SMX Datasheet
250Kb / 2P
Quartz Crystal Specification
91SMX IQD-91SMX Datasheet
146Kb / 2P
Quartz Crystal Specification
CFPX-98 IQD-CFPX-98 Datasheet
307Kb / 2P
Quartz Crystal Specification
CFPX-217 IQD-CFPX-217 Datasheet
209Kb / 2P
Quartz Crystal Specification
CFPX-218-AUTO IQD-CFPX-218-AUTO Datasheet
188Kb / 2P
Quartz Crystal Specification
CX1-AT IQD-CX1-AT Datasheet
162Kb / 3P
Quartz Crystal Specification
CX4-AT IQD-CX4-AT Datasheet
123Kb / 2P
Quartz Crystal Specification
HC49-2.5HSMX IQD-HC49-2.5HSMX Datasheet
624Kb / 2P
Quartz Crystal Specification
HC49-3.5HSMX IQD-HC49-3.5HSMX Datasheet
682Kb / 2P
Quartz Crystal Specification
HC49-4H IQD-HC49-4H Datasheet
486Kb / 3P
Quartz Crystal Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com