Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFSS-2 Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # CFSS-2
Description  Spread Spectrum Oscillator Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CFSS-2 Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  CFSS-2 Datasheet HTML 1Page - IQD Frequency Products Ltd CFSS-2 Datasheet HTML 2Page - IQD Frequency Products Ltd CFSS-2 Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CFSS-2
Spread Spectrum Oscillator Specification
Environmental Parameters
Storage Temperature Range: -40 to 85°C
Shock: MIL-STD-202F, Method 231B: 1000G, 0.5ms
Vibration: MIL-STD-202F, Method 204D, Condition D: 20G,
10-2000Hz, 4hrs duration in each of 3 mutually perpendicular
planes
Ordering Information
Frequency*
Model*
Modulation Ratio*
Output
Frequency Stability
Operating Temperature Range*
Supply Voltage
(*minimum requirement)
Example
90MHz CFSS-2 ±1.5%
CMOS ±100ppm -10 to 70C 3.3V
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Loose in bulk pack
Pack Style: Bulk
Pack Size: 100
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 1,000
In tape, cut from a reel
Pack Style: Cutt
Pack Size: 1
Example Output Spectrum (SS on)
Example Output Spectrum (SS off)
Printed on 27 Apr 16 15:13 using Model Data Sheet V1.2550
Page 2 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com