Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFSS-2 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # CFSS-2
Description  Spread Spectrum Oscillator Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CFSS-2 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  CFSS-2 Datasheet HTML 1Page - IQD Frequency Products Ltd CFSS-2 Datasheet HTML 2Page - IQD Frequency Products Ltd CFSS-2 Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CFSS-2
Spread Spectrum Oscillator Specification
ISSUE 4; April 2016
Outline (mm) ±0.25% = Centre Spread
Test Circuit
Description
Spread Spectrum surface mount crystal oscillator in a ceramic
package with a hermetically sealed metal lid
±0.25% Centre Spread
±0.5% Centre Spread
±0.75% Centre Spread
±1% Centre Spread
±1.5% Centre Spread
±2% Centre Spread
-0.5% Down Spread
-1% Down Spread
-1.5% Down Spread
-2% Down Spread
-3% Down Spread
-4% Down Spread
Frequency Parameters
Frequency
8.0MHz to 170.0MHz
Frequency Stability
±100.00ppm
±5ppm max per year
Ageing
Electrical Parameters
3.3V ±5%
Supply Voltage
Start Up Time: 10ms max
Power-up time for all Vs to reach minimum specified voltage:
0.05ms to 500ms
Power ramp must be monotonic
Internal Spread Spectrum Modulation Frequency: 30kHz to
33kHz
Operating Temperature Ranges
-10 to 70°C
-40 to 85°C
Output Details
Output Compatability
CMOS
Drive Capability
15pF max
Modulation Ratios:
Centre Spread ±0.25%, ±0.5%, ±0.75%, ±1%, ±1.5%, ±2%
Down Spread -0.5%, -1%, -1.5, -2%, -3%, -4%
Output Control
Tri-state Operation:
Logic '1' (>70%Vs) to pad 1 enables oscillator output
Logic '0' (<30%Vs) to pad 1 disable oscillator output, the
oscillator goes into a high impedance state
No connection to pad 1 enables oscillator output
Spread Spectrum Operation:
Logic '1' to pad 2 (>70% Vs) spread spectrum is off
Logic '0' to pad 2 (<30% Vs) spread spectrum is on
No connection to pad 2 spread spectrum is on
Noise Parameters
Cycle to Cycle Jitter (SS on):
8MHz to <133MHz: 400ps max pk-pk
133MHz to 170MHz: 250ps max pk-pk
Printed on 27 Apr 16 15:13 using Model Data Sheet V1.2550
Page 1 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - CFSS-2

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFSS-3 IQD-CFSS-3 Datasheet
170Kb / 2P
Spread Spectrum Oscillator Specification
More results

Similar Description - CFSS-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-9001LB ETC2-SG-9001LB Datasheet
233Kb / 1P
CRYSTAL OSCILLATOR SPREAD SPECTRUM
logo
ECS, Inc.
ECS-3250SS ECS-ECS-3250SS Datasheet
203Kb / 2P
SPREAD SPECTRUM OSCILLATOR
logo
auris-GmbH
APSSO7050 AURIS-APSSO7050 Datasheet
376Kb / 2P
Oscillator SMD, spread spectrum, programmable
logo
IQD Frequency Products ...
CFSS-3 IQD-CFSS-3 Datasheet
170Kb / 2P
Spread Spectrum Oscillator Specification
IQXS-10 IQD-IQXS-10 Datasheet
170Kb / 2P
Spread Spectrum Oscillator Specification
IQXS-11 IQD-IQXS-11 Datasheet
172Kb / 2P
Spread Spectrum Oscillator Specification
IQXS-30 IQD-IQXS-30 Datasheet
173Kb / 2P
Spread Spectrum Oscillator Specification
IQXS-31 IQD-IQXS-31 Datasheet
173Kb / 2P
Spread Spectrum Oscillator Specification
logo
SiTime Corp.
SIT9003 SITIME-SIT9003 Datasheet
444Kb / 9P
Low Power Spread Spectrum Oscillator
logo
Fox Electronics
S7BC FOX-S7BC Datasheet
233Kb / 3P
7x5mm Spread Spectrum SMD Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com