Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3200 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ADE3200
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3200 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ADE3200 Datasheet HTML 3Page - STMicroelectronics ADE3200 Datasheet HTML 4Page - STMicroelectronics ADE3200 Datasheet HTML 5Page - STMicroelectronics ADE3200 Datasheet HTML 6Page - STMicroelectronics ADE3200 Datasheet HTML 7Page - STMicroelectronics ADE3200 Datasheet HTML 8Page - STMicroelectronics ADE3200 Datasheet HTML 9Page - STMicroelectronics ADE3200 Datasheet HTML 10Page - STMicroelectronics ADE3200 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
7/88
ADE3XXX
Pin Description
6
YUV1
Input
TV Video Input Port: Data 1
7
YUV0
Input
TV Video Input Port: Data 0
8
YUVCLK
Input
TV Video Input Port: Clock
9
DVDD18
Power
Digital 1.8V VDD
10
DGND
Power
Digital Ground
11
DVDD18
Power
Digital 1.8V VDD
12
DGND
Power
Digital Ground
13
AGND
Power
Analog Ground
14
AVDD18
Power
Analog 1.8V VDD
15
AVDD33
Power
Analog 3.3V VDD
16
RX2M
Input
DVI Receiver Channel 2 MINUS input (RED)
17
RX2P
Input
DVI Receiver Channel 2 PLUS input (RED)
18
AGND
Power
Analog Ground
19
AVDD33
Power
Analog 3.3V VDD
20
RX1M
Input
DVI Receiver Channel 1 MINUS input (GREEN)
21
RX1P
Input
DVI Receiver Channel 1 PLUS input (GREEN)
22
AVDD33
Power
Analog 3.3V VDD
23
RX0M
Input
DVI Receiver Channel 0 MINUS input (BLUE)
24
RX0P
Input
DVI Receiver Channel 0 PLUS input (BLUE)
25
AVDD33
Power
Analog 3.3V VDD
26
AGND
Power
Analog Ground
27
RXCP
Input
DVI Receiver Clock Channel PLUS input
28
RXCM
Input
DVI Receiver Clock Channel MINUS input
29
AVDD33
Power
Analog 3.3V VDD
30
REXT
Passive
1% 475 Ohm resistor to Analog 3.3V VDD
31
AVDD33
Power
Analog 3.3V VDD
32
AVDD33
Power
Analog 3.3V VDD
33
AGND
Power
Analog Ground
34
AGND
Power
Analog Ground
35
AGND
Power
Analog Ground
36
RBIAS
Passive
1% 2.0 kOhm resistor to Analog Ground
37
AGND
Power
Analog Ground
38
AVDD18
Power
Analog 1.8V VDD
39
AGND
Power
Analog Ground
40
AVDD33
Power
Analog 3.3V VDD
41
AGND
Power
Analog Ground
42
AVDD18
Power
Analog 1.8V VDD
43
AGND
Power
Analog Ground
44
AVDD18
Power
Analog 1.8V VDD
Table 2: Pin Description (Sheet 2 of 7)
Pin #
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com