Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3200 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ADE3200
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3200 Datasheet(HTML) 5 Page - STMicroelectronics

  ADE3200 Datasheet HTML 1Page - STMicroelectronics ADE3200 Datasheet HTML 2Page - STMicroelectronics ADE3200 Datasheet HTML 3Page - STMicroelectronics ADE3200 Datasheet HTML 4Page - STMicroelectronics ADE3200 Datasheet HTML 5Page - STMicroelectronics ADE3200 Datasheet HTML 6Page - STMicroelectronics ADE3200 Datasheet HTML 7Page - STMicroelectronics ADE3200 Datasheet HTML 8Page - STMicroelectronics ADE3200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
5/88
ADE3XXX
1
General Description
The ADE3XXX family of devices is capable of implementing all of the advanced features of today’s
LCD monitor products. For maximum flexibility, an external microcontroller (MCU) is used for
controlling the ADE3XXX and other monitor functions.
The ADE3XXX architecture unburdens the MCU from all data-intensive pixel manipulations,
providing an optimal blend of feature and code customization without incurring the cost of a 16-bit
processor or memory. The key interactions between the monitor MCU and the ADE3XXX can be
broken down into the features shown in the table below.
Figure 1: ADE3XXX Block Diagram
Table 1: ADE3xxx Features (Sheet 1 of 2)
Feature
Description of ADE3XXX Operation
Blocks Used
Pages
Power Up / Initialize When power is first applied, the ADE3XXX is asynchronously reset from a pin.
The MCU typically programs the ADE3XXX with a number of default values and
sets up the ADE3XXX to identify activity on any of the input pins. All
preconfigured values and RAMs, such as DVI settings, line-lock PLL settings,
video input modes (YUV), OSD characters, LCD timing values (output
sequencer), scale kernels, gamma curves, sRGB color warp, APC dithering,
output pin configuration (OMUX), etc. can be preloaded into the ADE3XXX. The
typical end state is that the ADE3XXX is initialized into a low power mode, ready
to turn active once the power button is pressed.
GLBL
SMEAS
DVI
LLK
ADC
YUV
OSD
SCALER
GAMMA
SRGB
OUTSEQ
TCON
APC
OMUX
13
32
22
19
18
29
66
49
74
64
52
55
74
75
Activity Detect
When the monitor has been powered on, the inputs can be monitored for active
video sources. Based on the activity monitors, the MCU chooses an input or
power down state.
SMEAS
32
YUV Port
Analog Port
DVI Port
Scaler with
SCLK
F. Synth
P. Gen
FM
F. Synth
LLKPLL
DMEAS
SMEAS
INCLK
SCLK
DOTCLK
Color
Management
OSD
Gamma
LUT
DATA
CTRL
Vertical Keystone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com