Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7033 Datasheet(PDF) 19 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7033
Description  Dual-Channel Line Card CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7033 Datasheet(HTML) 19 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7033 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
FEDL7033-04
ML7033
19/52
BCLK
Shift clock signal input for the PCMIN and the PCMOUT signals. The clock frequency, equal to the data rate, is
256 kHz to 4096 kHz. This signal must be generated from the same clock source as the master clock and
synchronized in phase with the master clock. Please refer to Figures 1 and 2 for more information about the
phase difference between MCK and BCLK.
RSYNC
Receive synchronizing clock input. The PCMIN signals are received in synchronization with this clock. The 8
kHz input clock is generated from the identical clock source as MCK and must be synchronized in phase with
the master clock.
XSYNC
Transmit synchronizing clock input. The PCMOUT signals are transmitted in synchronization with this clock.
The 8 kHz input clock is generated from the identical clock source as MCK and must be synchronized in phase
with the master clock.
PCMIN
Serial PCM data input. The serial PCM data input on the PCMIN pin is converted to analog signals and output
from the AOUTnP pin (or from the AOUTnN pin and the AOUTnP pin) in synchronization with the RSYNC
clock and the BCLK clock.
When in Long Frame Sync Mode (CR0-B4 = “0”), the first bit of the serial PCM data (MSD of channel 1) is
identified at the rising edge of the RSYNC clock.
When in Short Frame Sync Mode (CR0-B4 = “1”), the first bit of the serial PCM data (MSD of channel 1) is
identified at the falling edge of the RSYNC clock.
PCMOUT
Serial PCM data output. Channel 1 data is output in sequential order, from most significant data (MSD) to least
significant data (LSD). Data is synchronized with the rising edge of BCLK.
When in Long Frame Sync Mode (CR0-B4 = “0”), the first bit of PCM data may be output at the rising edge of
the XSYNC signal, depending on the timing between BCLK and XSYNC.
When in Short Frame Sync Mode (CR0-B4 = “1”), the first bit of PCM data may be output at the falling edge of
the XSYNC signal, depending on the timing between BCLK and XSYNC.
This pin is in a high impedance state during power-down. A pull-up resistor must be connected to this pin since
it is an open drain output.
PCMOSY
PCMOSY is asserted to a logic 0 when PCM data is valid on the PCMOUT pin. This includes both normal mode
and power-save mode.
When PCM data is not being output from the PCMOUT pin (including during power-down mode), this pin goes
a logic “1”.
This signal is used to control the TRI-STATE Enable of a backplane line-driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com