Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7033 Datasheet(PDF) 39 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7033
Description  Dual-Channel Line Card CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7033 Datasheet(HTML) 39 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7033 Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
FEDL7033-04
ML7033
39/52
CR11 (Ringing_ON and Trapezoid crest factors control)
B7
B6
B5
B4
B3
B2
B1
B0
CR11
CH2
RING
CH2TG1
TRP2
CH2TG1
TRP1
CH2TG1
TRP0
CH1
RING
CH1TG1
TRP2
CH1TG1
TRP1
CH1TG1
TRP0
default
0
0
0
0
0
0
0
0
B7
… CH2 Tone Generator 1 (TG1) function select
0 : CH2TG1 works as a non-ringing tone generator (300 to 3400 Hz)
1 : CH2TG1 works as a ringing tone generator (15 to 50 Hz)
The frequency and level of CH2TG1 are set by CR16 to CR17.
B6 to B4
… CH2 ringing tone waveform setting
This 3-bit field determines the type of ringing tone waveform for TG1 on CH2. A
sinusoidal waveform, or a trapezoidal waveform with a crest factor between 1.225 V and
1.375 V at 0.025 V intervals, can be selected as shown in Table 15. For a definition of
‘crest factor’, refer to Figure 13. These bits are valid when the CH2RING (CR11-B7) bit is
set.
B3
… CH1 TG1 function select
0 : CH1TG1 works as a non-ringing tone generator (300 to 3400 Hz)
1 : CH1TG1 works as a ringing tone generator (15 to 50 Hz)
The frequency and level of CH1TG1 are set by CR9 to CR10.
B2 to B0
… CH1 ringing tone waveform setting
This 3-bit field determines the type of ringing tone waveform for TG1 on CH1. A
sinusoidal waveform, or a trapezoidal waveform with a crest factor between 1.225 V and
1.375 V at 0.025 V intervals, can be selected as shown in Table 15. For a definition of
‘crest factor’, refer to Figure 13. These bits are valid when the CH1RING (CR11-B3) bit is
set.
Figure 13
Ringing Tone Waveform
Table 15
Crest Factor Setting
B6/B2
TG1 TRP2
B5/B1
TG1 TRP1
B4/B0
TG1 TRP0
Crest Factor
0
0
0
OFF
0
0
1
1.225
0
1
0
1.250
0
1
1
1.275
1
0
0
1.300
1
0
1
1.325
1
1
0
1.350
1
1
1
1.375
a
1
a
Vp
3
/
4
1
/
1
a
r
CrestFacto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com