Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM143 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM143
Description  High Voltage Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM143 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM143 Datasheet HTML 4Page - National Semiconductor (TI) LM143 Datasheet HTML 5Page - National Semiconductor (TI) LM143 Datasheet HTML 6Page - National Semiconductor (TI) LM143 Datasheet HTML 7Page - National Semiconductor (TI) LM143 Datasheet HTML 8Page - National Semiconductor (TI) LM143 Datasheet HTML 9Page - National Semiconductor (TI) LM143 Datasheet HTML 10Page - National Semiconductor (TI) LM143 Datasheet HTML 11Page - National Semiconductor (TI) LM143 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Typical Applications
(Continued) (For more detail see AN-127)
90W Audio Power Amplifier with Safe Area Protection
Put on common heat sink
34 turns of no 20 wire on a
form
Adjust R6 to set IQ e 100 mA
TLH7783 – 12
The 38V supplies allow for a 5% voltage tolerance All resistors are
watt except as noted
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com