Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM143 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM143
Description  High Voltage Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM143 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM143 Datasheet HTML 1Page - National Semiconductor (TI) LM143 Datasheet HTML 2Page - National Semiconductor (TI) LM143 Datasheet HTML 3Page - National Semiconductor (TI) LM143 Datasheet HTML 4Page - National Semiconductor (TI) LM143 Datasheet HTML 5Page - National Semiconductor (TI) LM143 Datasheet HTML 6Page - National Semiconductor (TI) LM143 Datasheet HTML 7Page - National Semiconductor (TI) LM143 Datasheet HTML 8Page - National Semiconductor (TI) LM143 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales Office
Distributors for availability and specifications
(Note 4)
LM143
LM343
Supply Voltage
g
40V
g
34V
Power Dissipation (Note 1)
680 mW
680 mW
Differential Input Voltage (Note 2)
80V
68V
Input Voltage (Note 2)
g
40V
g
34V
Operating Temperature Range
b
55 Cto a125 C0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
b
65 Cto a150 C
Output Short Circuit Duration
5 seconds
5 seconds
Lead Temperature (Soldering 10 sec)
300 C
300 C
ESD rating to be determined
Electrical Characteristics (Note 3)
Parameter
Conditions
LM143
LM343
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
TA e 25 C
20
50
20
80
mV
Input Offset Current
TA e 25 C
10
30
10
10
nA
Input Bias Current
TA e 25 C
80
20
80
40
nA
Supply Voltage
TA e 25 C
10
100
10
200
m
VV
Rejection Ratio
Output Voltage Swing
TA e 25 C RL t 5kX
22
25
20
25
V
Large Signal Voltage
TA e 25 C VOUT e g10V
100k
180k
70k
180k
VV
Gain
RL t 100 kX
Common-Mode
TA e 25 C
80
90
70
90
dB
Rejection Ratio
Input Voltage Range
TA e 25 C
g
24
g
26
g
22
g
26
V
Supply Current (Note 5)
TA e 25 C
20
40
20
50
mA
Short Circuit Current
TA e 25 C20
20
mA
Slew Rate
TA e 25 C AV e 1
25
25
V ms
Power Bandwidth
TA e25 C VOUT e 40 Vp-p
20k
20k
Hz
RL e 5kX THD s 1%
Unity Gain Frequency
TA e 25 C
10M
10M
Hz
Input Offset Voltage
TA e Max
60
10
mV
TA e Min
60
10
Input Offset Current
TA e Max
08
45
08
14
nA
TA e Min
18
70
18
14
Input Bias Current
TA e Max
50
35
50
55
nA
TA e Min
16
35
16
55
Large Signal Voltage
RL t 100 kX TA e Max
50k
150k
50k
150k
VV
Gain
RL t 100 kX TA e Min
50k
220k
50k
220k
Output Voltage Swing
RL t 50 kX TA e Max
22
26
20
26
V
RL t 50 kX TA e Min
22
25
20
25
Note 1
Absolute maximum ratings are not necessarily concurrent and care must be taken not to exceed the maximum junction temperature of the LM143 (150 C)
or the LM343 (100 C) For operating at elevated temperatures devices in the H08 package must be derated based on a thermal resistance of 155 CW junction to
ambient or 20 CW junction to case
Note 2
For supply voltage less than g40V for the LM143 and less than g34V for the LM343 the absolute maximum input voltage is equal to the supply voltage
Note 3
These specifications apply for VS e g28V For LM143 TA e max e 125 C and TA e min eb55 C For LM343 TA e max e 70 C and TA e min e
0 C
Note 4
Refer to RETS143X for LM143H and LM1536H military specifications
Note 5
The maximum supply currents are guaranteed at VS e g40V for the LM143 and VS e g34V for the LM343
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com