Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A2-AI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  ARM Thumb - based Microcontrollers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT91SAM7A2-AI Datasheet HTML 1Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 2Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 3Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 4Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 5Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 6Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
6021AS–ATARM–03/04
Features
• ARM7TDMI® ARM® Thumb® Processor Core
– High Performance 32-bit RISC
– High-density 16-bit Instruction set (Thumb)
– Leader in MIPS/Watt
– Embedded ICE (In Circuit Emulation)
• 16 Kbytes Internal SRAM
• Fully Programmable External Bus Interface (EBI)
– Maximum External Address Space of 6 Mbytes, Up to Four Chip Select Lines
• 8-level Priority, Vectored Interrupt Controller
– Three External Interrupts Including One Fast Interrupt Line
• Ten Channel Peripheral Data Controller (PDC)
• 57 Programmable I/O Lines
• Four 16-bit General Purpose Timers (GPT)
– Three Configurable Modes: Counter, PWM, Capture
– Four External Clock Inputs, Three Multi-purpose I/O Pins per Timer
• Four 16-bit Simple Timers (ST)
• Four Channel 16-bit Pulse Width Modulation (PWM)
• Four CAN Controllers 2.0A and 2.0B Full CAN
– One with 32 Buffers, Three with 16 Buffers
• Two USARTs
– Support for J1587 and LIN Protocols
• One Master/Slave SPI Interface
– 8 to 16-bit Programmable Data Length
– Four External Serial Peripheral Chip Selects
• Two 8-channel 10-bit Analog to Digital Converters (ADC)
• Two 16-bit Capture Modules (CAPT)
• Programmable Watch Timer (WT)
• Programmable Watchdog (WD)
• Power Management Controller (PMC)
– 32 kHz Oscillator, Main Oscillator and PLL
• IEEE 1149.1 JTAG Boundary-scan on all Digital Pins
• Fully Static Operation: 0 Hz to 30 MHz at VDDCORE=3.3V, 85°C
• 3.0V to 5.5V Operating Voltage Range
• 3.0V to 3.6V Core, Memory and Analog Voltage Range
• -40° to +85°C Operating Temperature Range
• Available in a 176-lead LQFP Package
Description
The AT91SAM7A2 is based on the ARM7TDMI embedded processor. This processor
has a high-performance 32-bit RISC architecture with a high-density 16-bit instruction
set and very low power consumption.
In addition, a large number of internally banked registers result in very fast exception
handling, making the device ideal for real-time control applications.
The AT91SAM7A2 has a direct connection to off-chip memory, including Flash,
through the fully programmable External Bus Interface.
An 8-level priority vectored Interrupt Controller in conjunction with the Peripheral Data
Controller significantly improves the real time performance of the device. The device
is manufactured using high-density CMOS technology.
By combining the ARM7TDMI processor with an on-chip SRAM, and a wide range of
peripheral functions, including USART, SPI, CAN Controllers, Timer Counter and Ana-
log-to-Digital Converters, on a monolithic chip, the AT91SAM7A2 is a powerful device
that provides a flexible, cost-effective solution to many compute-intensive embedded
control applications in the automotive and industrial world.
AT91 ARM
®
Thumb
®- based
Microcontrollers
AT91SAM7A2
Summary
Note: This is a summary document. A complete document
is in preparation.


Similar Part No. - AT91SAM7A2-AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A2-AI ATMEL-AT91SAM7A2-AI Datasheet
145Kb / 16P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2-AI ATMEL-AT91SAM7A2-AI Datasheet
4Mb / 369P
AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91SAM7A2-AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7XC512 ATMEL-AT91SAM7XC512 Datasheet
675Kb / 45P
ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S Datasheet
715Kb / 39P
AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
AT91 ARM Thumb-based Microcontrollers
AT91M55800A ATMEL-AT91M55800A_07 Datasheet
3Mb / 256P
AT91 ARM Thumb-based Microcontrollers
AT91SAM7XC512 ATMEL-AT91SAM7XC512_09 Datasheet
768Kb / 47P
ARM Thumb-based Microcontrollers
AT91SAM7X512 ATMEL-AT91SAM7X512 Datasheet
413Kb / 44P
AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com