Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A2-AI Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  ARM Thumb - based Microcontrollers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 10Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 11Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 12Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 13Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 14Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
AT91SAM7A2 - Summary
6021AS–ATARM–03/04
Soldering
Profile
Table 7 gives the recommended soldering profile from J-STD-20.
Small packages may be subject to higher temperatures if they are reflowed in boards with
larger components. In this case, small packages may have to withstand temperatures of up to
235
°C, not 220°C (IR reflow).
Recommended package reflow conditions depend on package thickness and volume. See
Table 8 below.
Notes:
1. The packages are qualified by Atmel by using IR reflow conditions, not convection or VPR.
2. By default, the package level 1 is qualified at 220
°C (unless 235°C is stipulated).
3. The body temperature is the most important parameter but other profile parameters such as
total exposure time to hot temperature or heating rate may also influence component
reliability.
A maximum of three reflow passes is allowed per component.
Table 7. Soldering Profile
Convection or
IR/Convection
VPR
Average Ramp-up Rate (183
°C to Peak)
3
°C/sec. max.
10
°C/sec.
Preheat Temperature 125
°C ±25°C
120 sec. max
Temperature Maintained Above 183
°C
60 sec. to 150 sec.
Time within 5
°C of Actual Peak Temperature
10 sec. to 20 sec.
60 sec.
Peak Temperature Range
220 +5/-0
°C or
235 +5/-0
°C
215 to 219
°C or
235 +5/-0
°C
Ramp-down Rate
6
°C/sec.
10
°C/sec.
Time 25
°C to Peak Temperature
6 min. max
Table 8. Recommended Package Reflow Conditions
(1, 2, 3)
Parameter
Temperature
Convection
220 +5/-0
°C
VPR
215 to 219
°C
IR/Convection
220 +5/-0
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com