Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT92 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUT92
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUT92 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUT92 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUT92 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
BUT92
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 50mA; IB= 0
250
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 50mA; IC= 0
7
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 35A; IB= 3.5A
IC= 12.5A; IB= 0.625A; Tj= 100℃
1.2
1.9
V
VBE(sat)
Base-Emitter Saturation Voltage
IC=35A; IB= 3.5A
IC=35A; IB= 3.5A; Tj= 100℃
1.5
1.5
V
ICER
Collector Cutoff Current
VCE= 250V; RBE= 10Ω
VCE= 250V; TC=100℃
0.2
2
mA
ICEV
Collector Cutoff Current
VCE= 250V; VBE= -1.5V
VCE=250V;TC=100℃
1
4
mA
IEBO
Emitter Cutoff Current
VEB= 7V; IC= 0
1.0
mA
VCE(3s)
Collector-Emitter
Dynamic Voltage
VCC = 200V IB1 = 5.25 A
RC = 5.7 Tj = 100 oC
6
V
VCE(5s)
Collector-Emitter
Dynamic Voltage
VCC = 200V IB1 = 5.25 A
RC = 5.7 Tj = 100 oC
3
V
diC/dt
Rated of Rise on-state
Collector Current
VCC = 200V IB1 = 5.25 A RC = 0
tp = 3s Tj = 100 oC
125
A/s
Switching Times; Resistive Load
ts
Storage Time
VCC = 200 V VClamp = 250 V
IC = 35 A IB1 = 3.5 A
VBB = -5 V LC = 0.28 mH
RB2 = 0.7 Tj = 100 oC
3
μ
s
tf
Fall Time
0.4
μ
s
tc
Crossover Time
0.7
μ
s
VCEW
Maximum Collector
Emitter Voltage
without Snubber
VCC = 50 V ICWoff = 52 A
VBB = -5 V IB1 = 3.5 A
LC = 48 H RB2 = 0.7 
Tj = 125 oC
250
V
* Pulsed : Pulse duration = 300 s, duty cycle = 2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com