Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT92 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUT92
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUT92 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUT92 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUT92 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
BUT92
DESCRIPTION
n
SGS-THOMSON PREFERRED SALESTYPE
n
NPN TRANSISTOR hFE > 10 AT IC =35A
n
HIGH EFFICIENCY SWITCHING
n
VERY LOW SATURATION VOLTAGE
n
RECTANGULAR SAFE OPERATING AREA
n
WIDE ACCIDENTAL OVERLOAD AREA
APPLICATIONS
n
UNINTERRUPTABLE POWER SUPPLY
n
SWITCH MODE POWER SUPPLIES
n
MOTOR CONTROL
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCEV
Collector-Emitter Voltage
(VBE= -1.5V)
350
V
VCEO
Collector-Emitter Voltage
250
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
50
A
ICM
Collector Current-Peak
75
A
IB
Base Current-Continuous
10
A
IBM
Base Current-peak
15
A
PC
Collector Power Dissipation
@TC=25℃
250
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.7
℃
/W


Similar Part No. - BUT92

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUT92 STMICROELECTRONICS-BUT92 Datasheet
65Kb / 4P
FAST-SWITCHING POWER TRANSISTOR
Jun-1997
BUT92 STMICROELECTRONICS-BUT92 Datasheet
46Kb / 4P
FAST-SWITCHING POWER TRANSISTOR
Feb-2003
logo
Seme LAB
BUT92 SEME-LAB-BUT92 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
BUT92A SEME-LAB-BUT92A Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BUT92A ISC-BUT92A Datasheet
394Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - BUT92

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com