Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3843D813 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AS3843D813
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS3843D813 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AS3843D813 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
ASTEC Semiconductor
AS384x
Current Mode Controller
Functional Block Diagram
Figure 1. Block Diagram of the AS3842/3/4/5
Pin Function Description
Pin Number Function
Description
1
COMP
This pin is the error amplifier output. Typically used to provide loop compensation to
maintain V
FB at 2.5 V.
2
V
FB
Inverting input of the error amplifier. The non-inverting input is a trimmed 2.5 V
bandgap reference.
3
Current
A voltage proportional to inductor current is connected to the input. The PWM uses
Sense
this information to terminate the gate drive of the output.
4
R
T/CT
Oscillator frequency and maximum output duty cycle are set by connecting a resistor
(R
T) to VREG and a capacitor (CT) to ground. Pulling this pin to ground or to VREG will
accomplish a synchronization function.
5
GND
Circuit common ground, power ground, and IC substrate.
6
Output
This output is designed to directly drive a power MOSFET switch. This output can sink
or source peak currents up to 1A. The output for the AS3844/5 switches at one-half
the oscillator frequency.
7
V
CC
Positive supply voltage for the IC.
8
V
REG
This 5 V regulated output provides charging current for the capacitor C
T through the
resistor R
T.
Ð
+
6
OUTPUT
2
ERROR AMP
1
4
5
7
8
GND
VCC
VREG
CURRENT
SENSE
RT/CT
VFB
COMP
S
R
FF
S
R
FF
(5.0 V)
(2.5 V)
(1.0 V)
2R
R
(5 V)
(3.0 V)
(1.3 V)
(0.6 V)
OSCILLATOR
PWM
COMPARATOR
OVER
TEMPERATURE
T
FF
CLK
÷ 2 [3844/45]
CLK [3842/43]
5 V
REGULATOR
(5.0 V)
REF OK
(4 V)
UVLO
(6 V)
PWM LOGIC
3
+
Ð



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com