Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3843D813 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AS3843D813
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS3843D813 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AS3843D813 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
ASTEC Semiconductor
AS384x
Current Mode Controller
Typical Performance Curves
Figure 10
Figure 12
Figure 11
Figure 13
0
1
2
3
4
5
6
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
Current Sense Input Threshold vs Error Amp Output Voltage
T
A = 125°C
T
A = 25°C
T
A = –55°C
V
COMP – Error Amp Output Voltage (V)
–60
–30
0
30
60
T
A – Ambient Temperature (°C)
90
120
15
2.46
2.47
2.48
2.49
2.50
2.51
V
FB = VCOMP
V
CC = 15 V
Error Amp Input Voltage vs Ambient Temperature
0
0.5
1.0
1.5
2.0
2.5
1 A
100
10
1
Output Sink Capability in Under-Voltage Mode
V
OUT – Output Voltage (V)
V
CC = 6 V
T
A = 25°C
10
100
I
OUT – Output Saturation Current (mA)
500
0
1
2
3
–2
–1
0
Output Saturation Voltage
Source Saturation
V
OUT – VCC
T
J = 125°C
Sink Saturation
T
J = 125°C
T
J = –55°C
T
J = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com