Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70L Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAS70L
Description  Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS70L Datasheet(HTML) 3 Page - NXP Semiconductors

  BAS70L Datasheet HTML 1Page - NXP Semiconductors BAS70L Datasheet HTML 2Page - NXP Semiconductors BAS70L Datasheet HTML 3Page - NXP Semiconductors BAS70L Datasheet HTML 4Page - NXP Semiconductors BAS70L Datasheet HTML 5Page - NXP Semiconductors BAS70L Datasheet HTML 6Page - NXP Semiconductors BAS70L Datasheet HTML 7Page - NXP Semiconductors BAS70L Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2003 May 20
3
Philips Semiconductors
Product specification
Schottky barrier diode
BAS70L
ELECTRICAL CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: pulse width = 300
µs; δ = 0.02.
THERMAL CHARACTERISTICS
Note
1. Refer to SOD882 standard mounting conditions (footprint), FR4 with 60
µm copper strip line.
Soldering
Reflow soldering is the only recommended soldering method.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
see Fig.2
IF = 1 mA
410
mV
IF = 10 mA
750
mV
IF =15mA
1
V
IR
continuous reverse current
VR = 50 V; see Fig.3; note 1
100
µA
VR = 70 V; see Fig.3; note 1
10
µA
Cd
diode capacitance
VR = 0 V; f = 1 MHz; see Fig.5
2
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com