Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70L Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAS70L
Description  Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS70L Datasheet(HTML) 4 Page - NXP Semiconductors

  BAS70L Datasheet HTML 1Page - NXP Semiconductors BAS70L Datasheet HTML 2Page - NXP Semiconductors BAS70L Datasheet HTML 3Page - NXP Semiconductors BAS70L Datasheet HTML 4Page - NXP Semiconductors BAS70L Datasheet HTML 5Page - NXP Semiconductors BAS70L Datasheet HTML 6Page - NXP Semiconductors BAS70L Datasheet HTML 7Page - NXP Semiconductors BAS70L Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2003 May 20
4
Philips Semiconductors
Product specification
Schottky barrier diode
BAS70L
GRAPHICAL DATA
10
0
0.2
0.4
0.6
0.8
1
1
I F
(mA)
V (V)
F
MRA803
(1)
(4)
(2)
(3)
10 2
10 1
10
2
Fig.2
Forward current as a function of forward
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
MRA805
1
10
10
0
20406080
V (V)
R
IR
(
µA)
(1)
(3)
(2)
2
10 1
10 2
10 3
Fig.3
Reverse current as a function of reverse
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
10
1
110
rdiff
IF (mA)
MRA802
10−1
102
102
103
Fig.4
Differential forward resistance as a function
of forward current; typical values.
f = 10 kHz.
0
0.5
1
1.5
2
0
204060
80
MRA804
Cd
(pF)
V (V)
R
Fig.5
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tamb =25 °C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com