Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM150 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM150
Description  3-Amp Adjustable Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM150 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM150 Datasheet HTML 1Page - National Semiconductor (TI) LM150 Datasheet HTML 2Page - National Semiconductor (TI) LM150 Datasheet HTML 3Page - National Semiconductor (TI) LM150 Datasheet HTML 4Page - National Semiconductor (TI) LM150 Datasheet HTML 5Page - National Semiconductor (TI) LM150 Datasheet HTML 6Page - National Semiconductor (TI) LM150 Datasheet HTML 7Page - National Semiconductor (TI) LM150 Datasheet HTML 8Page - National Semiconductor (TI) LM150 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Electrical Characteristics (Continued)
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V
IN −VOUT = 5V, and IOUT = 10 mA. (Note 2)
Parameter
Conditions
LM350A
LM350
Units
Min
Typ
Max
Min
Typ
Max
Temperature Stability
T
MIN ≤ TJ ≤ TMAX
11
%
Minimum Load Current
V
IN −VOUT = 35V
3.5
10
3.5
10
mA
Current Limit
V
IN −VOUT ≤ 10V
3.0
4.5
3.0
4.5
A
V
IN −VOUT = 30V
0.3
1
0.25
1
A
RMS Output Noise, % of
V
OUT
10 Hz
≤ f ≤ 10 kHz
0.001
0.001
%
Ripple Rejection Ratio
V
OUT = 10V, f = 120 Hz, CADJ = 0µF
65
65
dB
V
OUT = 10V, f = 120 Hz, CADJ = 10 µF
66
86
66
86
dB
Long-Term Stability
T
J = 125˚C, 1000 hrs
0.25
1
0.25
1
%
Thermal Resistance, Junction
K Package
1.2
1.5
˚C/W
to Case
T Package
3
4
3
4
˚C/W
Thermal Resistance, Junction
K Package
35
˚C/W
to Ambient (No Heat Sink)
T Package
50
50
˚C/W
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: These specifications are applicable for power dissipations up to 30W for the TO-3 (K) package and 25W for the TO-220 (T) package. Power dissipation is
guaranteed at these values up to 15V input-output differential. Above 15V differential, power dissipation will be limited by internal protection circuitry. All limits (i.e.,
the numbers in the Min. and Max. columns) are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 3: Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating effects are
covered under the specifications for thermal regulation.
Note 4: Refer to RETS150K drawing for military specifications of the LM150K.
Typical Performance Characteristics
Load Regulation
DS009061-33
Current Limit
DS009061-34
Adjustment Current
DS009061-35
Dropout Voltage
DS009061-36
Temperature Stability
DS009061-37
Minimum Operating Current
DS009061-38
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com