Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM150 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM150
Description  3-Amp Adjustable Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM150 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM150 Datasheet HTML 3Page - National Semiconductor (TI) LM150 Datasheet HTML 4Page - National Semiconductor (TI) LM150 Datasheet HTML 5Page - National Semiconductor (TI) LM150 Datasheet HTML 6Page - National Semiconductor (TI) LM150 Datasheet HTML 7Page - National Semiconductor (TI) LM150 Datasheet HTML 8Page - National Semiconductor (TI) LM150 Datasheet HTML 9Page - National Semiconductor (TI) LM150 Datasheet HTML 10Page - National Semiconductor (TI) LM150 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Typical Applications
Note: Usually R1 = 240
Ω for LM150 and R1 = 120Ω for LM350.
1.2V–25V Adjustable Regulator
DS009061-1
Full output current not available
at high input-output voltages.
Optional — improves transient response. Output capacitors in the range of
1 µF to 1000 µF of aluminum or tantalum electrolytic are commonly used
to provide improved output impedance and rejection of transients.
*Needed if device is more than 6 inches from filter capacitors.
Precision Power Regulator with Low Temperature
Coefficient
DS009061-13
*Adjust for 3.75V across R1
Slow Turn-ON 15V Regulator
DS009061-14
Adjustable Regulator with Improved
Ripple Rejection
DS009061-15
Solid tantalum
*Discharges C1 if output is shorted to ground
High Stability 10V Regulator
DS009061-16
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com