Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHBA Datasheet(PDF) 6 Page - Illinois Capacitor, Inc.

Part # MHBA
Description  Small size - High voltage ??High Capacitance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

MHBA Datasheet(HTML) 6 Page - Illinois Capacitor, Inc.

  MHBA Datasheet HTML 1Page - Illinois Capacitor, Inc. MHBA Datasheet HTML 2Page - Illinois Capacitor, Inc. MHBA Datasheet HTML 3Page - Illinois Capacitor, Inc. MHBA Datasheet HTML 4Page - Illinois Capacitor, Inc. MHBA Datasheet HTML 5Page - Illinois Capacitor, Inc. MHBA Datasheet HTML 6Page - Illinois Capacitor, Inc. MHBA Datasheet HTML 7Page - Illinois Capacitor, Inc. MHBA Datasheet HTML 8Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MHBA
2,4,6, lug lead radial box
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(V/μsec)
Maximum RMS Ripple Current
(A) 100 kHz, +70°C
Typical ESR
(mΩ) **,
+25°C
Dimensions
LxHxT (mm)
S (MM)
d (MM)
P (MM)
# Leads
+15°C
+10°C
+5°C
6.3
800
635MHBA01K4J
82.5
17.5
0
0
5.1
41.5x44x24
37.5
1.2
10.2
4
6.3
800
635MHBA01K2J
82.5
14
0
0
5.6
41.5x44x24
37.5
1.2
0
2
6.8
370
685MHBA04K4H
55
12
0
0
7.6
32x33x18
27.5
1.2
5.1
4
6.8
370
685MHBA04K2H
55
10
0
0
8.3
32x33x18
27.5
1.2
0
2
6.8
500
685MHBA03K2H
70
12
0
0
7.7
32x37x22
27.5
1.2
0
2
6.8
500
685MHBA03K4H
70
14
0
0
7
32x37x22
27.5
1.2
10.2
4
6.8
600
685MHBA02K2J
60
12.5
0
0
6.4
42.5x33.5x22
37.5
1.2
0
2
6.8
600
685MHBA02K##
60
15
0
0
5.7
42.5x33.5x22
0
0
0
lugs
6.8
700
685MHBA06K2J
75
14
0
0
6.4
41.5x40x20
37.5
1.2
0
2
6.8
700
685MHBA06K4J
75
15.5
0
0
5.8
41.5x40x20
37.5
1.2
10.2
4
7.5
500
755MHBA03K2H
47.5
10
0
0
8.3
42.5x30x22
37.5
1.2
0
2
7.5
500
755MHBA03K##
47.5
11.5
0
0
7.5
42.5x30x22
0
0
0
lugs
8
700
805MHBA06K##
75
17.5
0
0
5.1
42.5x37x28
0
0
0
lugs
8
700
805MHBA06K2J
75
14
0
0
5.8
42.5x37x28
37.5
1.2
0
2
8
700
805MHBA06K4J
75
16
0
0
5.2
42.5x37x28
37.5
1.2
10.2
4
8
800
805MHBA01K4J
82.5
20
0
0
4.1
42.5x45x30
37.5
1.2
20.3
4
8
800
805MHBA01K##
82.5
22
0
0
4
42.5x45x30
0
0
0
lugs
8
800
805MHBA01K2J
82.5
14
0
0
4.7
42.5x45x30
37.5
1.2
0
2
8.2
600
825MHBA02K2J
60
14
0
0
5.9
41.5x40x20
37.5
1.2
0
2
8.2
600
825MHBA02K4J
60
16.5
0
0
5.3
41.5x40x20
37.5
1.2
10.2
4
10
370
106MHBA04K4H
55
15
0
0
5.3
32x37x22
27.5
1.2
10.2
4
10
370
106MHBA04K2H
55
13
0
0
6
32x37x22
27.5
1.2
0
2
10
370
106MHBA04K2J
37.5
10.5
0
0
6.9
42.5x28x17
37.5
1.2
0
2
10
370
106MHBA04K##
37.5
12.5
0
0
6.1
42.5x28x17
0
0
0
lugs
10
500
106MHBA03K##
47.5
14.5
0
0
6
42.5x33.5x22
0
0
0
lugs
10
500
106MHBA03K2J
47.5
12
0
0
6.7
42.5x33.5x22
37.5
1.2
0
2
10
500
106MHBA03K4J
47.5
13.5
0
0
6.1
42.5x33.5x22
37.5
1.2
10.2
4
10
600
106MHBA02K4J
60
16.5
0
0
4.8
42.5x37x28
37.5
1.2
10.2
4
10
600
106MHBA02K##
60
18.5
0
0
4.7
42.5x37x28
0
0
0
lugs
10
600
106MHBA02K2J
60
14
0
0
5.4
42.5x37x28
37.5
1.2
0
2
10
700
106MHBA06K2J
75
14
0
0
5.3
42.5x45x30
37.5
1.2
0
2
10
700
106MHBA06K##
75
20.5
0
0
4.6
42.5x45x30
0
0
0
lugs
10
700
106MHBA06K4J
75
19
0
0
4.7
42.5x45x30
37.5
1.2
20.3
4
10
800
106MHBA01K4R
55
19
0
0
5.3
57.5x45x30
52.5
1.2
10.2
4
10
800
106MHBA01K##
55
20.5
0
0
5.2
57.5x45x30
0
0
0
lugs
10
800
106MHBA01K2R
55
14
0
0
5.9
57.5x45x30
52.5
1.2
0
2
12
600
126MHBA02K2J
60
14
0
0
5
41.5x44x24
37.5
1.2
0
2
12
600
126MHBA02K4J
60
19
0
0
4.4
41.5x44x24
37.5
1.2
10.2
4
12.5
500
126MHBA03K4J
47.5
16
0
0
5.5
41.5x40x20
37.5
1.2
10.2
4
12.5
500
126MHBA03K2J
47.5
14
0
0
6.1
41.5x40x20
37.5
1.2
0
2
12.5
800
126MHBA01K2R
55
14
0
0
5.4
57.5x50x35
52.5
1.2
0
2
12.5
800
126MHBA01K##
55
22
0
0
4.7
57.5x50x35
0
0
0
lugs
12.5
800
126MHBA01K4R
55
20.5
0
0
4.8
57.5x50x35
52.5
1.2
20.3
4
15
370
156MHBA04K4J
37.5
14
0
0
5.1
42.5x30x22
37.5
1.2
10.2
4
15
370
156MHBA04K##
37.5
15
0
0
5
42.5x30x22
0
0
0
lugs
15
370
156MHBA04K2J
37.5
12.5
0
0
5.7
42.5x30x22
37.5
1.2
0
2
15
500
156MHBA03K2J
47.5
14
0
0
5.4
42.5x37x28
37.5
1.2
0
2
15
500
156MHBA03K##
47.5
17.5
0
0
4.7
42.5x37x28
0
0
0
lugs
15
500
156MHBA03K4J
47.5
16.5
0
0
4.8
42.5x37x28
37.5
1.2
20.3
4
15
600
156MHBA02K4J
60
21
0
0
3.8
42.5x45x30
37.5
1.2
20.3
4
15
600
156MHBA02K##
60
23
0
0
3.7
42.5x45x30
0
0
0
lugs
15
600
156MHBA02K2J
60
14
0
0
4.4
42.5x45x30
37.5
1.2
0
2
15
700
156MHBA06K2R
50
14
0
0
5.4
57.5x45x30
52.5
1.2
0
2
15
700
156MHBA06K##
50
21.5
0
0
4.7
57.5x45x30
0
0
0
lugs
15
700
156MHBA06K4R
50
19.5
0
0
4.8
57.5x45x30
52.5
1.2
20.3
4
15
800
156MHBA01K2R
55
14
0
0
5
57.5x50x35
52.5
1.2
0
2
15
800
156MHBA01K##
55
24
0
0
4.3
57.5x50x35
0
0
0
lugs
15
800
156MHBA01K4R
55
22
0
0
4.4
57.5x50x35
52.5
1.2
20.3
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com